Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9249 Datasheet HTML 11Page - Analog Devices AD9249 Datasheet HTML 12Page - Analog Devices AD9249 Datasheet HTML 13Page - Analog Devices AD9249 Datasheet HTML 14Page - Analog Devices AD9249 Datasheet HTML 15Page - Analog Devices AD9249 Datasheet HTML 16Page - Analog Devices AD9249 Datasheet HTML 17Page - Analog Devices AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 14 of 36
Figure 13. Single-Tone 32k FFT with fIN = 139.5 MHz, fSAMPLE = 65 MSPS,
Clock Divider = 4
Figure 14. SNR/SFDR vs. Input Amplitude; fIN = 9.7 MHz, fSAMPLE = 65 MSPS
Figure 15. Two Tone FFT, fIN = 30.1 MHz and 32.1 MHz, fSAMPLE = 65 MSPS
Figure 16. Two-Tone SFDR/IMD3 vs. Input Amplitude; fIN1 = 30.1 MHz,
fIN2 = 32.1 MHz, fSAMPLE = 65 MSPS
Figure 17. SNR/SFDR vs. fIN; fSAMPLE = 65 MSPS
Figure 18. SNR/SFDR vs. Temperature; fIN = 9.7 MHz, fSAMPLE = 65 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –1dBFS
fIN = 139.5MHz
SNR = 72.74dBFS
SINAD = 71.45dBc
SFDR = 84dBc
120
100
80
60
40
20
0
–20
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dB)
SFDR (dBc)
SNRFS (dBFS)
SFDR (dBFS)
0
–20
–40
–60
–80
–100
–120
–140
0
30
25
20
15
10
5
FREQUENCY (MHz)
AIN = –7dBFS
fIN = 30.1MHz, 32.1MHz
IMD2 = –95.4dBc
IMD3 = –95.4dBc
SFDR = 93.0dBc
F2 – F1
F1 + F2
2F1 + F2
2F1 – F2
F1 + 2F2
2F2 – F1
0
–120
–100
–80
–60
–40
–20
–90
–80
–70
–60
–50
–40
–30
–20
–10
INPUT AMPLITUDE (dBFS)
–SFDR (dBc)
IMD3 (dBc)
–SFDR (dBFS)
IMD3 (dBFS)
110
100
90
80
70
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
INPUT FREQUENCY (MHz)
SFDR (dBc)
SNRFS (dBFS)
105
65
70
75
80
85
90
95
100
–40
–15
10
35
60
85
TEMPERATURE (°C)
SFDR (dBc)
SNRFS (dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com