Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9249 Datasheet HTML 12Page - Analog Devices AD9249 Datasheet HTML 13Page - Analog Devices AD9249 Datasheet HTML 14Page - Analog Devices AD9249 Datasheet HTML 15Page - Analog Devices AD9249 Datasheet HTML 16Page - Analog Devices AD9249 Datasheet HTML 17Page - Analog Devices AD9249 Datasheet HTML 18Page - Analog Devices AD9249 Datasheet HTML 19Page - Analog Devices AD9249 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
AD9249
Rev. 0 | Page 15 of 36
Figure 19. INL; fIN = 9.7 MHz, fSAMPLE = 65 MSPS
Figure 20. DNL; fIN = 9.7 MHz, fSAMPLE = 65 MSPS
Figure 21. Input Referred Noise Histogram; fSAMPLE = 65 MSPS
Figure 22. SNR/SFDR vs. Sample Rate; fIN = 9.7 MHz, fSAMPLE = 65 MSPS
Figure 23. SNR/SFDR vs. Sample Rate; fIN =19.7 MHz, fSAMPLE = 65 MSPS
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
16000
14000
12000
10000
8000
6000
4000
2000
OUTPUT CODE
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
16000
14000
12000
10000
8000
6000
4000
2000
OUTPUT CODE
900000
800000
700000
600000
500000
400000
300000
200000
100000
0
OUTPUT CODE
0.98 LSB RMS
110
60
65
70
75
80
85
90
95
100
105
20
80
70
60
50
40
30
SAMPLE RATE (MSPS)
SNRFS (dBFS)
SFDR (dBc)
110
60
65
70
75
80
85
90
95
100
105
20
80
70
60
50
40
30
SAMPLE RATE (MSPS)
SNRFS (dBFS)
SFDR (dBc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com