Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9249 Datasheet HTML 21Page - Analog Devices AD9249 Datasheet HTML 22Page - Analog Devices AD9249 Datasheet HTML 23Page - Analog Devices AD9249 Datasheet HTML 24Page - Analog Devices AD9249 Datasheet HTML 25Page - Analog Devices AD9249 Datasheet HTML 26Page - Analog Devices AD9249 Datasheet HTML 27Page - Analog Devices AD9249 Datasheet HTML 28Page - Analog Devices AD9249 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 24 of 36
The PN sequence short pattern produces a pseudorandom bit
sequence that repeats itself every 29 − 1 or 511 bits. Refer to
Section 5.1 of the ITU-T 0.150 (05/96) standard for a description
of the PN sequence and how it is generated. The seed value is all
1s (see Table 12 for the initial values). The output is a parallel
representation of the serial PN9 sequence in MSB-first format.
The first output word is the first 14 bits of the PN9 sequence in
MSB aligned form.
Table 12. PN Sequence
Sequence
Initial
Value
Next Three Output Samples
(MSB First) Twos Complement
PN Sequence Short
0x1FE0
0x1DF1, 0x3CC8, 0x294E
PN Sequence Long
0x1FFF
0x1FE0, 0x2001, 0x1C00
The PN sequence long pattern produces a pseudorandom
bit sequence that repeats itself every 223 − 1 or 8,388,607 bits.
Refer to Section 5.6 of the ITU-T 0.150 (05/96) standard for a
description of the PN sequence and how it is generated. The
seed value is all 1s (see Table 12 for the initial values) and the
AD9249 inverts the bit stream with relation to the ITU standard.
The output is a parallel representation of the serial PN23 sequence
in MSB-first format. The first output word is the first 14 bits of the
PN23 sequence in MSB aligned format.
Consult the Memory Map section for information on how to
change these additional digital output timing features through
the SPI.
SDIO/DFS Pin
For applications that do not require SPI mode operation, the CSB1
and CSB2 pins are tied to AVDD, and the SDIO/DFS pin controls
the output data format select as described in Table 13.
Table 13. Output Data Format Select Pin Settings
DFS Pin Voltage
Output Mode
AVDD
Twos complement
GND (Default)
Offset binary
SCLK/DTP Pin
The SCLK/DTP pin can enable a single digital test pattern if it
and the CSB1 and CSB2 pins are held high during device power-
up. When SCLK/DTP is tied to AVDD, the ADC channel outputs
shift out the following pattern: 10 0000 0000 0000. The FCO±1,
FCO±2, DCO±1, and DCO±2 pins function normally while all
channels shift out the repeatable test pattern. This pattern allows
the user to perform timing alignment adjustments among the
FCO±1, FCO±2, DCO±1, DCO±2, and output data. The SCLK/
DTP pin has an internal 30 kΩ resistor to GND. It can be left
unconnected for normal operation.
Table 14. Digital Test Pattern Pin Settings
Selected DTP
DTP Voltage
Resulting D±xx
Normal Operation
No connect
Normal operation
DTP
AVDD
10 0000 0000 0000
Additional and custom test patterns can also be observed when
commanded from the SPI port. Consult the Memory Map section
for information about the options that are available.
CSB1 and CSB2 Pins
The CSB1 and CSB2 pins are tied to AVDD for applications that
do not require SPI mode operation. Tying CSB1 and CSB2 high
causes all SCLK and SDIO SPI communication information to be
ignored.
CSB1 selects/deselects SPI circuitry affecting outputs D±A1 to
D±H1 (Bank 1). CSB2 selects/deselects SPI circuitry affecting
outputs D±A2 to D±H2 (Bank 2).
It is recommended that CSB1 and CSB2 be controlled with the
same signal; that is, tie them together. In this way, whether tying
them to AVDD or selecting SPI functionality, both banks of ADCs
are controlled identically and are always in the same state.
RBIAS1 and RBIAS2 Pins
To set the internal core bias current of the ADC, place a 10.0 kΩ,
1% tolerance resistor to ground at each of the RBIAS1 and
RBIAS2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com