Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9249 Datasheet HTML 29Page - Analog Devices AD9249 Datasheet HTML 30Page - Analog Devices AD9249 Datasheet HTML 31Page - Analog Devices AD9249 Datasheet HTML 32Page - Analog Devices AD9249 Datasheet HTML 33Page - Analog Devices AD9249 Datasheet HTML 34Page - Analog Devices AD9249 Datasheet HTML 35Page - Analog Devices AD9249 Datasheet HTML 36Page - Analog Devices AD9249 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 32 of 36
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Device Index (Register 0x04 and Register 0x05)
There are certain features in the map that can be set independently
for each channel, whereas other features apply globally to all
channels (depending on context), regardless of which are selected.
Bits[3:0] in Register 0x04 and Register 0x05 select which individual
data channels are affected. The output clock channels are selected
in Register 0x05, as well. A smaller subset of the independent
feature list can be applied to those devices.
Transfer (Register 0xFF)
All registers except Register 0x100 are updated the moment
they are written. Setting Bit 0 = 1 in the transfer register initializes
the settings in the ADC resolution/sample rate override register
(Address 0x100).
Power Modes (Register 0x08)
Bits[7:6]—Open
Bit 5—External Power-Down Pin Function
When set (Bit 5 = 1), the external PDWN pin initiates standby
mode. When cleared (Bit 5 = 0), the external PDWN pin
initiates full power-down mode.
Bits[4:2]—Open
Bits[1:0]—Internal Power-Down Mode
In normal operation (Bits[1:0] = 00), all ADC channels are active.
In full power-down mode (Bits[1:0] = 01), the digital datapath
clocks are disabled and the digital datapath is reset. Outputs are
disabled.
In standby mode (Bits[1:0] = 10), the digital datapath clocks
and the outputs are disabled.
During a digital reset (Bits[1:0] = 11), all the digital datapath clocks
and the outputs (where applicable) on the chip are reset, except
the SPI port. Note that the SPI is always left under control of the
user; that is, it is never automatically disabled or in reset (except
by power-on reset).
Enhancement Control (Register 0x0C)
Bits[7:3]—Open
Bit 2—Chop Mode
For applications that are sensitive to offset voltages and other
low frequency noise, such as homodyne or direct conversion
receivers, chopping in the first stage of the AD9249 is a feature
that can be enabled by setting Bit 2 = 1. In the frequency domain,
chopping translates offsets and other low frequency noise to
fCLK/2, where they can be filtered.
Bits[1:0]—Open
Output Mode (Register 0x14)
Bit 7—Open
Bit 6—LVDS-ANSI/LVDS-IEEE Option
Setting Bit 6 = 1 chooses the LVDS-IEEE (reduced range)
option. (The default setting is LVDS-ANSI.) As described in
Table 18, when either LVDS-ANSI mode or the LVDS-IEEE
reduced range link is selected, the user can select the driver
termination resistor in Register 0x15, Bits[5:4]. The driver
current is automatically selected to give the proper output swing.
Table 18. LVDS-ANSI/LVDS-IEEE Options
LVDS-ANSI/
LVDS-IEEE
Option, Bit 6
Output
Mode
Output Driver
Termination
Output Driver
Current
0
LVDS-ANSI
User selectable
Automatically
selected to give
proper swing
1
LVDS-IEEE
reduced
range link
User selectable
Automatically
selected to give
proper swing
Bits[5:3]—Open
Bit 2—Output Invert
Setting Bit 2 = 1 inverts the output bit stream.
Bit 1—Open
Bit 0—Output Format
By default, setting Bit 0 = 1 sends the data output in twos
complement format. Clearing this bit (Bit 0 = 0) changes the
output mode to offset binary.
Output Adjust (Register 0x15)
Bits[7:6]—Open
Bits[5:4]—Output Driver Termination
These bits allow the user to select the internal output driver
termination resistor.
Bits[3:1]—Open
Bit 0—FCO±x, DCO±x Output Drive
Bit 0 of the output adjust register controls the drive strength on
the LVDS driver of the FCO±1, FCO±2, DCO±1, and DCO±2
outputs only. The default value (Bit 0 = 0) sets the drive to 1×.
Increase the drive to 2× by setting the appropriate channel bit in
Register 0x05 and then setting Bit 0 = 1. These features cannot be
used with the output driver termination selected. The termination
selection takes precedence over the 2× driver strength on FCO±1,
FCO±2, DCO±1, and DCO±2 when both the output driver
termination and output drive are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com