Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9249 Datasheet HTML 27Page - Analog Devices AD9249 Datasheet HTML 28Page - Analog Devices AD9249 Datasheet HTML 29Page - Analog Devices AD9249 Datasheet HTML 30Page - Analog Devices AD9249 Datasheet HTML 31Page - Analog Devices AD9249 Datasheet HTML 32Page - Analog Devices AD9249 Datasheet HTML 33Page - Analog Devices AD9249 Datasheet HTML 34Page - Analog Devices AD9249 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD9249
Data Sheet
Rev. 0 | Page 30 of 36
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio, Bits[2:0];
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Divide ratio
is the value
plus 1.
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode;
0 = off
1 = on
Open
Open
0x00
Enables/
disables chop
mode.
0x0D
Test mode (local
except for PN
sequence resets)
User input test mode,
Bits[7:6];
00 = single
01 = alternate
10 = single once
11 = alternate once
(affects user input test
mode only;
Register 0x0D,
Bits[3:0] = 1000)
Reset PN
long gen
Reset
PN
short
gen
Output test mode, Bits[3:0] (local);
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN23 sequence
0110 = PN9 sequence
0111 = one-/zero-word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set, test
data is placed
on the output
pins in place
of normal
data.
0x10
Offset adjust (local)
8-bit device offset adjustment, Bits[7:0] (local);
offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset
trim.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option;
0 = LVDS-
ANSI
1 = LVDS-
IEEE reduced
range link
(global);
see Table 18
Open
Open
Open
Output
invert;
0 = not
inverted
1 =
inverted
(local)
Open
Output
format;
0 = offset
binary
1 = twos
comple-
ment
(default)
(global)
0x01
Configures
outputs and
format of the
data.
0x15
Output adjust
Open
Open
Output driver
termination,
Bits[5:4];
00 = none
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
Open
Open
Open
FCO±x,
DCO±x
output
drive (local);
0 = 1× drive
1 = 2× drive
0x00
Determines
LVDS or
other output
properties.
0x16
Output phase
Open
Input clock phase adjust, Bits[6:4];
(value is number of input clock cycles
of phase delay; see Table 19
)
Output clock phase adjust, Bits[3:0];
(setting = 0000 to 1011; see Table 20)
0x03
On devices
that use global
clock divide,
determines
which phase
of the divider
output
supplies the
output clock.
Internal
latching is
unaffected.
0x18
VREF
Open
Open
Open
Open
Open
Input full-scale adjustment;
digital scheme, Bits[2:0];
000 = 1.0 V p-p
001 = 1.14 V p-p
010 = 1.33 V p-p
011 = 1.6 V p-p
100 = 2.0 V p-p
0x04
Digital adjust-
ment of input
full-scale
voltage. Does
not affect
analog voltage
reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com