Electronic Components Datasheet Search
  English  ▼

X  

AD9249 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9249
Description  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9249 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9249 Datasheet HTML 20Page - Analog Devices AD9249 Datasheet HTML 21Page - Analog Devices AD9249 Datasheet HTML 22Page - Analog Devices AD9249 Datasheet HTML 23Page - Analog Devices AD9249 Datasheet HTML 24Page - Analog Devices AD9249 Datasheet HTML 25Page - Analog Devices AD9249 Datasheet HTML 26Page - Analog Devices AD9249 Datasheet HTML 27Page - Analog Devices AD9249 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
AD9249
Rev. 0 | Page 23 of 36
Two output clock types are provided to assist in capturing data
from the AD9249. DCO±1 and DCO±2 clock the output data,
and their frequency is equal to 7× the sample clock (CLK±) rate
for the default mode of operation. Data is clocked out of the
AD9249 and must be captured on the rising and falling edges of
the DCO that supports double data rate (DDR) capturing. DCO±1
is used to capture the D±x1 (Bank 1) data; DCO±2 is used to
capture the D±x2 (Bank 2) data. FCO±1 and FCO±2 signal the
start of a new output byte, and the frequency is equal to the sample
clock rate. FCO±1 frames the D±x1 (Bank 1) data; FCO±2
frames the D±x2 (Bank 2) data (see Figure 3 and Figure 4).
When the SPI is used, the DCO phase can be adjusted in 60°
increments relative to one data cycle (30° relative to one DCO
cycle). This enables the user to refine system timing margins, if
required. The default DCO±1 and DCO±2 to output data edge
timing, as shown in Figure 3, is 180° relative to one data cycle
(90° relative to one DCO cycle).
A 12-bit serial stream can also be initiated from the SPI. This
allows the user to implement and test compatibility to lower
resolution systems. When changing the resolution to a 12-bit
serial stream, the data stream is shortened. See Figure 4 for the
12-bit example.
In default mode, as shown in Figure 3, the MSB is first in the
data output serial stream. This can be inverted so that the LSB is
first in the data output serial stream by using the SPI.
There are 12 digital output test pattern options available that can
be initiated through the SPI. This is a useful feature when validating
receiver capture and timing (see Table 11 for the output bit
sequencing options that are available). Some test patterns have
two serial sequential words and can alternate in various ways,
depending on the test pattern chosen. Note that some patterns
do not adhere to the data format select option. In addition, custom
user-defined test patterns can be assigned in Register 0x19,
Register 0x1A, Register 0x1B, and Register 0x1C.
Table 11. Flexible Output Test Modes
OutputTest
Mode Bit
Sequence
(Reg. 0x0D)
Pattern Name
Digital Output Word 11
Digital Output Word 21
Subject
to Data
Format
Select1
Notes
0000
Off (default)
N/A
N/A
N/A
0001
Midscale short
1000 0000 0000 (12-bit)
N/A
Yes
Offset binary code shown
10 0000 0000 0000 (14-bit)
0010
+Full-scale short
1111 1111 1111 (12-bit)
N/A
Yes
Offset binary code shown
11 1111 1111 1111 (14-bit)
0011
−Full-scale short
0000 0000 0000 (12-bit)
N/A
Yes
Offset binary code shown
00 0000 0000 0000 (14-bit)
0100
Checkerboard
1010 1010 1010 (12-bit)
0101 0101 0101 (12-bit)
No
10 1010 1010 1010 (14-bit)
01 0101 0101 0101 (14-bit)
0101
PN sequence long2
N/A
N/A
Yes
PN23
ITU 0.150
X23 + X18 + 1
0110
PN sequence short2
N/A
N/A
Yes
PN9
ITU 0.150
X9 + X5 + 1
0111
One-/zero-word
toggle
1111 1111 1111 (12-bit)
0000 0000 0000 (12-bit)
No
11 1111 1111 1111 (14-bit)
00 0000 0000 0000 (14-bit)
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-/0-bit toggle
1010 1010 1010 (12-bit)
N/A
No
10 1010 1010 1010 (14-bit)
1010
1× sync
0000 0011 1111 (12-bit)
N/A
No
00 0000 0111 1111 (14-bit)
1011
One bit high
1000 0000 0000 (12-bit)
N/A
No
Pattern associated with
the external pin
10 0000 0000 0000 (14-bit)
1100
Mixed frequency
1010 0011 0011 (12-bit)
N/A
No
10 1000 0110 0111 (14-bit)
1
N/A means not applicable.
2
All test mode options except PN sequence short and PN sequence long can support 12-bit to 14-bit word lengths to verify data capture to the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com