Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9689 Datasheet HTML 64Page - Analog Devices AD9689 Datasheet HTML 65Page - Analog Devices AD9689 Datasheet HTML 66Page - Analog Devices AD9689 Datasheet HTML 67Page - Analog Devices AD9689 Datasheet HTML 68Page - Analog Devices AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 68 of 134
SIGNAL MONITOR
The signal monitor block provides additional information about
the signal being digitized by the ADC. The signal monitor
computes the peak magnitude of the digitized signal. This
information can be used to drive an AGC loop to optimize the
range of the ADC in the presence of real-world signals.
The results of the signal monitor block can be obtained either
by reading back the internal values from the SPI port or by
embedding the signal monitoring information into the JESD204B
interface as separate control bits. A global, 24-bit programmable
period controls the duration of the measurement. Figure 127
shows the simplified block diagram of the signal monitor block.
FROM
MEMORY
MAP
DOWN
COUNTER
IS
COUNT = 1?
MAGNITUDE
STORAGE
REGISTER
FROM
INPUT
SIGNAL
MONITOR
HOLDING
REGISTER
LOAD
CLEAR
COMPARE
A > B
LOAD
LOAD
TO SPORT OVER
JESD204B AND
MEMORY MAP
SIGNAL MONITOR
PERIOD REGISTER
(SMPR)
0x0271, 00x272, 0x0273
Figure 127. Signal Monitor Block
The peak detector captures the largest signal within the
observation period. The detector only observes the magnitude
of the signal. The resolution of the peak detector is a 13-bit
value, and the observation period is 24 bits and represents
converter output samples. The peak magnitude can be derived
by using the following equation:
Peak Magnitude (dBFS) = 20log(Peak Detector Value/213)
The magnitude of the input port signal is monitored over a
programmable time period, which is determined by the signal
monitor period register (SMPR). The peak detector function is
enabled by setting Bit 1 in the signal monitor control register
(Register 0x0270). The 24-bit SMPR must be programmed
before activating this mode.
After enabling peak detection mode, the value in the SMPR is
loaded into a monitor period timer, which decrements at the
decimated clock rate. The magnitude of the input signal is
compared with the value in the internal magnitude storage
register (not accessible to the user), and the greater of the two
is updated as the current peak level. The initial value of the
magnitude storage register is set to the current ADC input signal
magnitude. This comparison continues until the monitor period
timer reaches a count of 1.
When the monitor period timer reaches a count of 1, the 13-bit
peak level value is transferred to the signal monitor holding
register, which can be read through the memory map or output
through the SPORT over the JESD204B interface. The monitor
period timer is reloaded with the value in the SMPR, and the
countdown restarts. In addition, the magnitude of the first
input sample updates in the magnitude storage register, and the
comparison and update procedure, as explained previously,
continues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com