Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 74 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices AD9689 Datasheet HTML 74Page - Analog Devices AD9689 Datasheet HTML 75Page - Analog Devices AD9689 Datasheet HTML 76Page - Analog Devices AD9689 Datasheet HTML 77Page - Analog Devices AD9689 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 74 of 134
SERDOUTx+
DRVDD
SERDOUTx–
OUTPUT SWING = 0.85 × DRVDD1 V p-p DIFFERENTIAL
ADJUSTABLE TO
1 × DRVDD1, 0.75 × DRVDD1
100Ω
0.1µF
0.1µF
RECEIVER
100Ω
DIFFERENTIAL
TRACE PAIR
Figure 135. AC-Coupled Digital Output Termination Example
PHYSICAL LAYER (DRIVER) OUTPUTS
Digital Outputs, Timing, and Controls
The AD9689 physical layer consists of drivers that are defined in
the JEDEC Standard JESD204B, July 2011. The differential digital
outputs are powered up by default. The drivers use a dynamic
100 Ω internal termination to reduce unwanted reflections.
Place a 100 Ω differential termination resistor at each receiver
input to result in a nominal 0.85 × DRVDD1 V p-p swing at the
receiver (see Figure 135). The swing is adjustable through the
SPI registers. AC coupling is recommended to connect to the
receiver. See the Memory Map section (Register 0x05C0 to
Register 0x05C3 in Table 51) for more details.
The AD9689 digital outputs can interface with custom
application specific integrated circuits (ASICs) and field
programmable gate array (FPGA) receivers, providing superior
switching performance in noisy environments. Single point to
point network topologies are recommended with a single
differential 100 Ω termination resistor placed as close to the
receiver inputs as possible.
If there is no far end receiver termination, or if there is poor
differential trace routing, timing errors can result. To avoid such
timing errors, it is recommended that the trace length be less
than six inches, and that the differential output traces be close
together and at equal lengths.
Figure 136 to Figure 138 show an example of the digital output
data eye, jitter histogram, and bathtub curve for one AD9689
lane running at 16 Gbps. The format of the output data is twos
complement by default. To change the output data format, see
the Memory Map section (Register 0x0561 in Table 51).
Figure 136. Digital Outputs Data Eye, External 100 Ω Terminations at 16 Gbps
Figure 137. Digital Outputs Jitter Histogram, External 100 Ω Terminations at
16 Gbps
Figure 138. Digital Outputs Bathtub Curve, External 100 Ω Terminations at
16 Gbps
De-Emphasis
De-emphasis enables the receiver eye diagram mask to be met
in conditions where the interconnect insertion loss does not
meet the JESD204B specification. Use the de-emphasis feature
only when the receiver is unable to recover the clock due to
excessive insertion loss. Under normal conditions, it is disabled
to conserve power. Additionally, enabling and setting too high a
de-emphasis value on a short link can cause the receiver eye
diagram to fail. Use the de-emphasis setting with caution
because it can increase electromagnetic interference (EMI). See
the Memory Map section (Register 0x05C4 to Register 0x05CB
in Table 51) for more details.
Phase-Locked Loop (PLL)
The PLL generates the serializer clock, which operates at the
JESD204B lane rate. The status of the PLL lock can be checked
in the PLL locked status bit (Register 0x056F, Bit 7). This read
only bit notifies the user if the PLL achieved a lock for the
specific setup. Register 0x056F also has a loss of lock (LOL)
sticky bit (Bit 3) that notifies the user that a LOL is detected. The
sticky bit can be reset by issuing a JESD204B link restart
(Register 0x0571 = 0x15, followed by Register 0x0571 = 0x14).
Refer to Table 32 for the reinitialization of the link following a
link power cycle.
The JESD204B lane rate control, Bits[7:4] of Register 0x056E,
must be set to correspond with the lane rate. Table 31 shows the
lane rates supported by the AD9689 using Register 0x056E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com