Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9689 Datasheet HTML 65Page - Analog Devices AD9689 Datasheet HTML 66Page - Analog Devices AD9689 Datasheet HTML 67Page - Analog Devices AD9689 Datasheet HTML 68Page - Analog Devices AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 69 of 134
SPORT OVER JESD204B
The signal monitor data can also be serialized and sent over the
JESD204B interface as control bits. These control bits must be
deserialized from the samples to reconstruct the statistical data.
The signal control monitor function is enabled by setting Bits[1:0]
of Register 0x0279 and Bit 1 of Register 0x027A. Figure 128 shows
two different example configurations for the signal monitor
control bit locations inside the JESD204B samples. A maximum
of three control bits can be inserted into the JESD204B samples;
however, only one control bit is required for the signal monitor.
Control bits are inserted from MSB to LSB.
If only one control bit is to be inserted (CS = 1), only the most
significant control bit is used (see Example Configuration 1 and
Example Configuration 2 in Figure 128). To select the SPORT
over JESD204B option, program Register 0x0559,
Register 0x055A, and Register 0x058F. See Table 51 for more
information on setting these registers.
Figure 129 shows the 25-bit frame data that encapsulates the
peak detector value. The frame data is transmitted MSB first
with five 5-bit subframes. Each subframe contains a start bit
that can be used by a receiver to validate the deserialized data.
Figure 130 shows the SPORT over JESD204B signal monitor
data with a monitor period timer set to 80 samples.
15
14-BIT CONVERTER RESOLUTION (N = 14)
TAIL
X
1
CONTROL
BIT
(CS = 1)
1-BIT
CONTROL
BIT
(CS = 1)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1 TAIL
BIT
SERIALIZED SIGNAL MONITOR
FRAME DATA
EXAMPLE
CONFIGURATION 1
(N' = 16, N = 15, CS = 1)
EXAMPLE
CONFIGURATION 2
(N' = 16, N = 14, CS = 1)
SERIALIZED SIGNAL MONITOR
FRAME DATA
16-BIT JESD204B SAMPLE SIZE (N' = 16)
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
CTRL
[BIT 2]
X
CTRL
[BIT 2]
X
S[14]
X
S[13]
X
S[12]
X
S[11]
X
S[10]
X
S[9]
X
S[8]
X
S[7]
X
S[6]
X
S[5]
X
S[4]
X
S[3]
X
S[2]
X
S[1]
X
S[0]
X
15-BIT CONVERTER RESOLUTION (N = 15)
16-BIT JESD204B SAMPLE SIZE (N' = 16)
Figure 128. Signal Monitor Control Bit Locations
25-BIT
FRAME
5-BIT IDLE
SUBFRAME
(OPTIONAL)
5-BIT IDENTIFIER
SUBFRAME
5-BIT DATA
MSB
SUBFRAME
5-BIT DATA
SUBFRAME
5-BIT DATA
SUBFRAME
5-BIT DATA
LSB
SUBFRAME
5-BIT SUBFRAMES
P[x] = PEAK MAGNITUDE VALUE
IDLE
1
IDLE
1
IDLE
1
IDLE
1
IDLE
1
START
0
P[0]
0
0
0
START
0
P[4]
P[3]
P[2]
P1]
START
0
P[8]
P[7]
P[6]
P5]
START
0
P[12]
P[11]
P[10]
P[9]
START
0
ID[3]
0
ID[2]
0
ID[1]
0
ID[0]
1
Figure 129. SPORT over JESD204B Signal Monitor Frame Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com