Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices AD9689 Datasheet HTML 74Page - Analog Devices AD9689 Datasheet HTML 75Page - Analog Devices AD9689 Datasheet HTML 76Page - Analog Devices AD9689 Datasheet HTML 77Page - Analog Devices AD9689 Datasheet HTML 78Page - Analog Devices AD9689 Datasheet HTML 79Page - Analog Devices AD9689 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 76 of 134
fS × 4 MODE (RECEIVE)
APPLICATION
LAYER
DATA LINK,
TRANSPORT,
AND PHY
LAYERS
USER APPLICATION
S[N][15:0]
S[N + 1][15:0]
S[N + 2][15:0]
S[N + 3][15:0]
S[N][15:0]
S[N + 1][15:0]
S[N + 2][15:0]
S[N + 3][15:0]
JESD204B FRAMER + PHY
(M = 2; L = 8; S = 4; F = 2; N = 16; N’ = 16; CF = 0; HD = 0)
LANE 0 LANE 1 LANE 2 LANE 3 LANE 4 LANE 5 LANE 6 LANE 7
CONVERTER 1
SAMPLE N (16 BITS)
CONVERTER 1
SAMPLE N + 1 (16 BITS)
CONVERTER 1
SAMPLE N + 2 (16 BITS)
CONVERTER 1
SAMPLE N + 3 (16 BITS)
CONVERTER 0
SAMPLE N (16 BITS)
CONVERTER 0
SAMPLE N + 1 (16 BITS)
CONVERTER 0
SAMPLE N + 2 (16 BITS)
CONVERTER 0
SAMPLE N + 3 (16 BITS)
ADC1
SAMPLE N (12 BITS)
ADC1
SAMPLE N + 1 (12 BITS)
ADC1
SAMPLE N + 2 (12 BITS)
ADC1
SAMPLE N + 3 (12 BITS)
ADC1
SAMPLE N + 4 (12 BITS) (4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], 0000
(16 BITS)
ADC0
SAMPLE N (12 BITS)
ADC0
SAMPLE N + 1 (12 BITS)
ADC0
SAMPLE N + 2 (12 BITS)
ADC0
SAMPLE N + 3 (12 BITS)
ADC0
SAMPLE N + 4 (12 BITS) (4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], 0000
(16 BITS)
64 BITS
AT fS/5
64 BITS
AT fS/5
0000
0000
Figure 140. fS × 4 Mode (Receive)
SETTING UP THE AD9689 DIGITAL INTERFACE
To ensure proper operation of the AD9689 at startup, some SPI
writes are required to initialize the link. Additionally, these
registers must be written every time the ADC is reset. Any one
of the following resets warrants the initialization routine for the
digital interface:
•
Hard reset, as with power-up.
•
Power-up using the PDWN pin.
•
Power-up using the SPI via Register 0x0002, Bits[1:0].
•
SPI soft reset by setting Register 0x0000 = 0x81.
•
Datapath soft reset by setting Register 0x0001 = 0x02.
•
JESD204B link power cycle by setting Register 0x0571 =
0x15, then 0x14.
The initialization SPI writes are as shown in Table 32.
Table 32. AD9689 JESD204B Initialization
Register
Value
Comment
0x1228
0x4F
Reset JESD204B start-up circuit
0x1228
0x0F
JESD204B start-up circuit in normal operation
0x1222
0x00
JESD204B PLL force normal operation
0x1222
0x04
Reset JESD204B PLL calibration
0x1222
0x00
JESD204B PLL normal operation
0x1262
0x08
Clear loss of lock bit
0x1262
0x00
Loss of lock bit normal operation
The AD9689 has one JESD204B link. The serial outputs
(SERDOUT0± to SERDOUT7±) are considered to be part of
one JESD204B link. The basic parameters that determine the
link setup are
•
Number of lanes per link (L)
•
Number of converters per link (M)
•
Number of octets per frame (F)
If the internal DDCs are used for on-chip digital processing, M
represents the number of virtual converters. The virtual converter
mapping setup is shown in Figure 102.
The maximum lane rate allowed by the AD9689 is 16 Gbps. The
lane rate is related to the JESD204B parameters using the
following equation:
Lane Rate =
L
f
N
M
OUT
×
×
×
8
10
'
where fOUT =
Ratio
Decimation
f
CLOCK
ADC _
The decimation ratio (DCM) is the parameter programmed in
Register 0x0201.
Use the following procedure to configure the output:
1. Power down the link.
2. Select the JESD204B link configuration options.
3. Configure the detailed options.
4. Set output lane mapping (optional).
5. Set additional driver configuration options (optional).
6. Power up the link.
7. Initialize the JESD204B link by issuing the commands
described in Table 32.
If the lane rate calculated is less than 6.25 Gbps, select the low
lane rate option by programming a value of 0x10 to
Register 0x056E.
Table 33 and Table 35 show the JESD204B output configurations
supported for both N΄ = 16 and N΄ = 8 for a given number of
virtual converters. Take care to ensure that the serial lane rate
for a given configuration is within the supported range of
3.4 Gbps to 16 Gbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com