Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9689 Datasheet HTML 19Page - Analog Devices AD9689 Datasheet HTML 20Page - Analog Devices AD9689 Datasheet HTML 21Page - Analog Devices AD9689 Datasheet HTML 22Page - Analog Devices AD9689 Datasheet HTML 23Page - Analog Devices AD9689 Datasheet HTML 24Page - Analog Devices AD9689 Datasheet HTML 25Page - Analog Devices AD9689 Datasheet HTML 26Page - Analog Devices AD9689 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 23 of 134
–120
–100
–80
–60
–40
–20
0
0
160
320
480
640
800
960
1120
1280
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
SFDR = 72dBFS
IMD2 = 72dBFS
IMD3 = 78dBFS
BUFFER CURRENT = 500µA
Figure 48. Two-Tone FFT; fIN1 = 1841 MHz, fIN2 = 1846 MHz;
AIN1 and AIN2 = −8 dBFS
–120
–100
–80
–60
–40
–20
0
0
160
320
480
640
800
960
1120
1280
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
SFDR = 76dBFS
IMD2 = 78dBFS
IMD3 = 76dBFS
BUFFER CURRENT = 700µA
Figure 49. Two-Tone FFT; fIN1 = 2137 MHz, fIN2 = 2142 MHz;
AIN1 and AIN2 = −8 dBFS
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–122.88 –92.16 –61.44 –30.72
0
30.72 61.44 92.16 122.88
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
NCO FREQUENCY = 1.84GHz
SFDR = 77dBFS
BUFFER CURRENT = 700µA
Figure 50. Two-Tone FFT; fIN1 = 1846.5 MHz, fIN2 = 2142.5 MHz
fCLK = 2.4576 GHz; Decimation Ratio = 10, NCO Frequency = 1840 MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–122.88 –92.16 –61.44 –30.72
0
30.72 61.44 92.16 122.88
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
NCO FREQUENCY = 2.14GHz
SFDR = 84dBFS
BUFFER CURRENT = 700µA
Figure 51. Two-Tone FFT; fIN1 = 1846.5 MHz, fIN2 = 2142.5 MHz
fCLK = 2.4576 GHz; Decimation Ratio = 10, NCO Frequency = 2140 MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–90 –84 –78 –72 –66 –60 –54 –48
INPUT AMPLITUDE (dBFS)
–42 –36 –30 –24 –18 –12
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 52. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–90 –84 –78 –72 –66 –60 –54 –48
INPUT AMPLITUDE (dBFS)
–42 –36 –30 –24 –18 –12
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 53. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com