Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9689 Datasheet HTML 68Page - Analog Devices AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices AD9689 Datasheet HTML 74Page - Analog Devices AD9689 Datasheet HTML 75Page - Analog Devices AD9689 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 72 of 134
ADC TEST PATTERNS
(0x0550,
0x0551 TO 0x0558)
JESD204B LONG
TRANSPORT TEST
PATTERN
0x0571[5]
JESD204B
INTERFACE TEST
PATTERN
(0x0573,
0x0551 TO 0x0558)
JESD204B DATA
LINK LAYER TEST
PATTERNS
0x0574[2:0]
JESD204B SAMPLE
CONSTRUCTION
TAIL BITS
0x0571[6]
A13
MSB
LSB
A12
A11
A10
A9
A8
A7
A13
A12
A11
A10
A9
A8
A7
A5
A4
A3
A2
A1
A0
C2
A6
MSB
LSB
T
A6
A5
A4
A3
A2
A1
A0
C2
C1
CONTROL BITS
C0
ADC
SERDOUT0±
SERDOUT3±
SERDOUT2±
SERDOUT1±
FRAME
CONSTRUCTION
SERIALIZER
SYMBOL0 SYMBOL1
SCRAMBLER
1 + x14 + x15
(OPTIONAL)
S7
S6
S5
S4
S3
S2
S1
S0
S7
a b
i j a b
i j
a b c d e f g h i j
a b c d e f g h i j
S6
S5
S4
S3
S2
S1
S0
MSB
LSB
8-BIT/
10-BIT
ENCODER
Figure 132. ADC Output Datapath Showing Data Framing
SYSREF±
SYNCINB±
PROCESSED
SAMPLES
FROM ADC
SAMPLE
CONSTRUCTION
FRAME
CONSTRUCTION
8-BIT/10-BIT
ENCODER
CROSSBAR
MUX
SCRAMBLER
SERIALIZER
Tx
ALIGNMENT
CHARACTER
GENERATION
OUTPUT
TRANSPORT
LAYER
DATA LINK
LAYER
PHYSICAL
LAYER
Figure 133. Data Flow
FUNCTIONAL OVERVIEW
The block diagram in Figure 133 shows the flow of data through
the JESD204B hardware from the sample input to the physical
output. The processing can be divided into layers that are
derived from the open-source initiative (OSI) model widely
used to describe the abstraction layers of communications
systems. These layers are the transport layer, data link layer,
and physical layer (serializer and output driver).
Transport Layer
The transport layer handles packing the data (consisting of
samples and optional control bits) into JESD204B frames that
are mapped to 8-bit octets. These octets are sent to the data link
layer. The transport layer mapping is controlled by rules derived
from the link parameters. Tail bits are added to fill gaps where
required. The following equation can be used to determine the
number of tail bits within a sample (JESD204B word):
T = N΄ − N − CS
Data Link Layer
The data link layer is responsible for the low level functions
of passing data across the link. These functions include optionally
scrambling the data, inserting control characters for multichip
synchronization/lane alignment/monitoring, and encoding
8-bit octets into 10-bit symbols. The data link layer is also
responsible for sending the initial lane alignment sequence
(ILAS), which contains the link configuration data used by the
receiver to verify the settings in the transport layer.
Physical Layer
The physical layer consists of the high speed circuitry clocked at
the serial clock rate. In this layer, parallel data is converted into
one, two, four, or eight lanes of high speed differential serial data.
JESD204B LINK ESTABLISHMENT
The AD9689 JESD204B transmitter (Tx) interface operates in
Subclass 1 as defined in the JEDEC Standard JESD204B
(July 2011 specification). The link establishment process is
divided into the following steps: code group synchronization
(CGS) and SYNCINB±, initial lane alignment sequence, and user
data and error correction.
CGS and SYNCINB±
CGS is the process in which the JESD204B receiver finds the
boundaries between the 10-bit symbols in the stream of data.
During the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver must locate /K28.5/ characters
in its input data stream using clock and data recovery (CDR)
techniques.
The receiver issues a synchronization request by asserting the
SYNCINB± pin of the AD9689 low. The JESD204B Tx then begins
sending /K/ characters. After the receiver synchronizes, it waits for
the correct reception of at least four consecutive /K/ symbols. It
then deasserts SYNCINB±. The AD9689 then transmits an ILAS
on the following LMFC boundary.
For more information on the code group synchronization
phase, refer to the JEDEC Standard JESD204B, July 2011,
Section 5.3.3.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com