| Electronic Components Datasheet Search |
|
AD9689 Datasheet(PDF) 91 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9689 Datasheet(HTML) 91 Page - Analog Devices |
|
91 / 134 page ![]() Data Sheet AD9689 Rev. A | Page 91 of 134 LATENCY END TO END TOTAL LATENCY Total latency in the AD9689 is dependent on the chip application mode and the JESD204B configuration. For any given combination of these parameters, the latency is deterministic; however, the value of this deterministic latency must be calculated as described in the Example Latency Calculations section. Table 37 shows the combined latency through the ADC and digital signal processor (DSP) for the different chip application modes supported by the AD9689. Table 38 shows the latency through the JESD204B block for each application mode based on the M/L ratio. For Table 37 and Table 38, latency is typical and is in units of the encode clock. The latency through the JESD204B block does not depend on the output data type (real or complex). Therefore, data type is not included in Table 38. To determine the total latency, select the appropriate ADC + DSP latency from Table 37 and add it to the appropriate JESD204B latency from Table 38. Example calculations are provided in the following section. EXAMPLE LATENCY CALCULATIONS Example Configuration 1 is as follows: • ADC application mode = full bandwidth • Real outputs • L = 8, M = 2, F = 1, S = 2 (JESD204B mode) • 20 × (M/L) = 5 • Latency = 31 + 44 = 75 encode clocks Example Configuration 2 is as follows: • ADC application mode = DCM4 • Complex outputs • L = 4, M = 2, F = 1, S = 1 (JESD204B mode) • 20 × (M/L) = 10 • Latency = 162 + 88 = 250 encode clocks LMFC REFERENCED LATENCY Some FPGA vendors may require the end user to know the LMFC referenced latency to make appropriate deterministic latency adjustments. If they are required, use the latency values in Table 37 and Table 38 for the analog in to LMFC and LMFC to data out latency values. Table 37. Latency Through the ADC + DSP Blocks (Number of Sample Clocks)1 Chip Application Mode Enabled Filters ADC + DSP Latency Full Bandwidth Not applicable 31 DCM1 (Real) HB1 90 DCM2 (Complex) HB1 90 DCM3 (Complex) TB1 102 DCM2 (Real) HB2 + HB1 162 DCM4 (Complex) HB2 + HB1 162 DCM3 (Real) TB2 + HB1 212 DCM6 (Complex) TB2 + HB1 212 DCM4 (Real) HB3 +HB2 + HB1 292 DCM8 (Complex) HB3 +HB2 + HB1 292 DCM5 (Real) FB2 + HB1 380 DCM10 (Complex) FB2 + HB1 380 DCM6 (Real) TB2 + HB2 + HB1 424 DCM12 (Complex) TB2 + HB2 + HB1 424 DCM15 (Real) FB2 + TB1 500 DCM8 (Real) HB4 + HB3 + HB2 + HB1 552 DCM16 (Complex) HB4 + HB3 + HB2 + HB1 552 DCM10 (Real) FB2 + HB2 + HB1 694 DCM20 (Complex) FB2 + HB2 + HB1 694 DCM12 (Real) TB2 + HB3 + HB2 + HB1 814 DCM24 (Complex) TB2 + HB3 + HB2 + HB1 814 DCM30 (Complex) HB2 + FB2 + TB1 836 DCM20 (Real) FB2 + HB3 + HB2 + HB1 1420 DCM40 (Complex) FB2 + HB3 + HB2 + HB1 1420 DCM24 (Real) TB2 + HB4 + HB3 + HB2 + HB1 1594 DCM48 (Complex) TB2 + HB4 + HB3 + HB2 + HB1 1594 1 DCMx indicates the decimation ratio. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |