Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 82 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9689 Datasheet HTML 78Page - Analog Devices AD9689 Datasheet HTML 79Page - Analog Devices AD9689 Datasheet HTML 80Page - Analog Devices AD9689 Datasheet HTML 81Page - Analog Devices AD9689 Datasheet HTML 82Page - Analog Devices AD9689 Datasheet HTML 83Page - Analog Devices AD9689 Datasheet HTML 84Page - Analog Devices AD9689 Datasheet HTML 85Page - Analog Devices AD9689 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 82 of 134
Example 2—ADC with DDC Option (Two ADCs Plus Two DDCs)
40 ×
fOUT MbPS
fOUT = fS/10 (MHz)
fS (MHz)
F = 4
14-BIT
ADC CORE
DDC 1
(REAL INPUT,
DCM = 10
C2R = BYPASS)
M3(Q)
M2(I)
VIN_B
REAL
14-BIT
ADC CORE
DDC 0
(REAL INPUT,
DCM = 10
C2R = BYPASS)
JESD204B LINK
(L = 2 M = 4 F = 4,
S = 1, N’ = 16, N = 16,
CS = 0, HD = 0)
M1(Q)
M0(I)
LAB0
LAB1
SYNC~
VIN_A
REAL
I = REAL COMPONENT
Q = QUADRATURE COMPONENT
DCM = DECIMATION
C2R = COMPLEX TO REAL
MX = VIRTUAL CONVERTER X
LY = LANE Y
SZ = SAMPLE Z INSIDE A JESD204B FRAME
C = CONTROL BIT (OVER RANGE, AMONG OTHERS)
T = TAIL BIT
Figure 142. Two ADCs Plus Two DDCs Mode (L = 2, M = 4, F = 4, S = 1)
This example shows the flexibility in the digital and lane
configurations for the AD9689. The sample rate is 2.4576 GSPS,
whereas the outputs are all combined in a combination of either
two, four, or eight lanes, depending on the input/output speed
capability of the receiving device.
The AD9689 is set up as shown in Figure 142, with the following
configuration:
•
Two 14-bit converters at 2.4576 GSPS.
•
Two DDC application layer mode with complex outputs (I/Q).
•
Chip decimation ratio = 10.
•
DDC decimation ratio = 10 (see Table 33).
The JESD204B output configuration is as follows:
•
Four virtual converters required (see Table 33).
•
Output sample rate (fOUT) = 2457.6/10 = 245.76 MSPS.
The JESD204B supported output configurations are as follows
(see Table 33):
•
N΄ = 16 bits.
•
N = 14 bits.
•
L = 2, M = 4, and F = 4, or L = 4, M = 4, and F = 2.
•
CS = 0.
•
K = 32.
•
Output serial lane rate = 9.8304 Gbps per lane (L = 2),
4.9152 Gbps per lane (L = 4), or 2.4576 Gbps per lane (L = 8).
For L = 2, set the PLL control register, Register 0x056E, to 0x00.
For L = 4, set the PLL control register, Register 0x056E, to 0x10.
For L = 8, set the PLL control register, Register 0x056E, to 0x50.
Set up the AD9689 in this mode using the following sequence:
1. Write 0x81 to Register 0x0000 (SPI soft reset).
2. Wait 5 ms to 10 ms.
3. Write 0x02 to Register 0x0200 (two DDC mode).
4. Write 0x06 to Register 0x0201 (chip decimation ratio = 10).
5. Write 0x47 to Register 0x0310 (6 dB gain, decimation ratio
set by Register 0x0311, Bits[7:4]).
6. Write 0x20 to Register 0x0311 (decimate by 10, DDC0
inputs from Channel A).
7. Register 0x0316 to Register 0x031B is the DDC0 NCO
tuning word.
8. Write 0x47 to Register 0x0330 (6 dB gain, decimation ratio
set by Register 0x0331, Bits[7:4]).
9. Write 0x25 to Register 0x0331 (decimate by 10, DDC1
inputs from Channel B).
10. Register 0x0336 to Register 0x033B is the DDC0 NCO
tuning word.
11. Write 0x15 to Register 0x0571 (JESD204B link power down).
12. Write 0x81 to Register 0x058B (scrambling enabled, L = 2).
13. Write 0x03 to Register 0x058E (M = 4).
14. Write 0x03 to Register 0x058C (F = 4).
15. Write 0x00 to Register 0x056E (lane rate = 6.75 Gbps to
13.5 Gbps).
16. Write 0x14 to Register 0x0571 (JESD204B link power up).
17. Wait 5 ms to 10 ms.
18. Read Register 0x056F (PLL status register).
19. Write 0x4F to Register 0x1228.
20. Write 0x0F to Register 0x1228.
21. Write 0x00 to Register 0x1222.
22. Write 0x04 to Register 0x1222.
23. Write 0x00 to Register 0x1222.
24. Write 0x08 to Register 0x1262.
25. Write 0x00 to Register 0x1262.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com