Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices AD9689 Datasheet HTML 74Page - Analog Devices AD9689 Datasheet HTML 75Page - Analog Devices AD9689 Datasheet HTML 76Page - Analog Devices AD9689 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 73 of 134
The SYNCINB± pin operation can also be controlled by the
SPI. The SYNCINB± signal is a differential dc-coupled LVDS
mode signal by default, but it can also be driven single-ended.
For more information on configuring the SYNCINB± pin
operation, refer to Register 0x0572.
The SYNCINB± pins can also be configured to run in CMOS
(single-ended) mode, by setting Bit 4 in Register 0x0572. When
running SYNCINB± in CMOS mode, connect the CMOS
SYNCINB signal to Pin N13 (SYNCINB+) and leave Pin P13
(SYNCINB−) floating.
Initial Lane Alignment Sequence (ILAS)
The ILAS phase follows the CGS phase and begins on the next
LMFC boundary. The ILAS consists of four multiframes, with
an /R/ character marking the beginning and an /A/ character
marking the end. The ILAS begins by sending an /R/ character
followed by 0 to 255 ramp data for one multiframe. On the
second multiframe, the link configuration data is sent, starting
with the third character. The second character is a /Q/ character
to confirm that the link configuration data is to follow. All
undefined data slots are filled with ramp data. The ILAS
sequence is never scrambled.
The ILAS sequence construction is shown in Figure 134. The
four multiframes include the following:
•
Multiframe 1 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 2 begins with an /R/ character followed by a
/Q/ character (/K28.4/), followed by link configuration
parameters over 14 configuration octets (see Table 30) and
ends with an /A/ character. Many of the parameter values
are of the value − 1 notation.
•
Multiframe 3 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
•
Multiframe 4 begins with an /R/ character (/K28.0/) and
ends with an /A/ character (/K28.3/).
User Data and Error Detection
After the initial lane alignment sequence completes, the user
data is sent. Normally, within a frame, all characters are considered
to be user data. However, to monitor the frame clock and
multiframe clock synchronization, there is a mechanism for
replacing characters with /F/ or /A/ alignment characters when
the data meets certain conditions. These conditions are
different for unscrambled and scrambled data. The scrambling
operation is enabled by default; however, it can be disabled
using the SPI.
For scrambled data, any 0xFC character at the end of a frame
is replaced by an /F/, and any 0x7C character at the end of a
multiframe is replaced by an /A/. The JESD204B receiver (Rx)
checks for /F/ and /A/ characters in the received data stream
and verifies that they only occur in the expected locations. If an
unexpected /F/ or /A/ character is found, the receiver handles
the situation by using dynamic realignment or asserting the
SYNCINB± signal for more than four frames to initiate a
resynchronization. For unscrambled data, if the final character
of two subsequent frames is equal, the second character is
replaced with an /F/ if it is at the end of a frame, and an /A/ if
it is at the end of a multiframe.
Insertion of alignment characters can be modified using the
SPI. The frame alignment character insertion (FACI) is enabled
by default. More information on the link controls is available in
the Memory Map section, Register 0x0571.
8-Bit/10-Bit Encoder
The 8-bit/10-bit encoder converts 8-bit octets into 10-bit symbols
and inserts control characters into the stream when needed.
The control characters used in JESD204B are shown in Table 30.
The 8-bit/10-bit encoding ensures that the signal is dc balanced by
using the same number of ones and zeros across multiple symbols.
The 8-bit/10-bit interface has options that can be controlled via
the SPI. These operations include bypass and invert, and are
troubleshooting tools for the verification of the digital front end
(DFE). See the Memory Map section, Register 0x0572, Bits[2:1]
for information on configuring the 8-bit/10-bit encoder.
K
K
R
D
START OF
ILAS
●●●
D
A
R
Q
D
A
R
D
D
A
R
D
D
END OF
MULTIFRAME
A
D
C
C
D
START OF LINK
CONFIGURATION DATA
START OF
USER DATA
●●●
●●●
●●●
●●●
●●●
●●●
●●●
●●●
●●●
Figure 134. Initial Lane Alignment Sequence
Table 30. AD9689 Control Characters Used in JESD204B
Abbreviation
Control Symbol
8-Bit Value
10-Bit Value, RD = −1
10-Bit Value, RD = +1
Description
/R/
/K28.0/
000 11100
001111 0100
110000 1011
Start of multiframe
/A/
/K28.3/
011 11100
001111 0011
110000 1100
Lane alignment
/Q/
/K28.4/
100 11100
001111 0100
110000 1101
Start of link configuration data
/K/
/K28.5/
101 11100
001111 1010
110000 0101
Group synchronization
/F/
/K28.7/
111 11100
001111 1000
110000 0111
Frame alignment
1
RD means running disparity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com