Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9689 Datasheet HTML 67Page - Analog Devices AD9689 Datasheet HTML 68Page - Analog Devices AD9689 Datasheet HTML 69Page - Analog Devices AD9689 Datasheet HTML 70Page - Analog Devices AD9689 Datasheet HTML 71Page - Analog Devices AD9689 Datasheet HTML 72Page - Analog Devices AD9689 Datasheet HTML 73Page - Analog Devices AD9689 Datasheet HTML 74Page - Analog Devices AD9689 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 71 of 134
DIGITAL OUTPUTS
INTRODUCTION TO THE JESD204B INTERFACE
The AD9689 digital outputs are designed to the JEDEC standard
JESD204B, serial interface for data converters. JESD204B is a
protocol to link the AD9689 to a digital processing device over a
serial interface with lane rates of up to 16 Gbps. The benefits of
the JESD204B interface over LVDS include a reduction in
required board area for data interface routing and an ability to
enable smaller packages for converter and logic devices.
JESD204B OVERVIEW
The JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of separate
control characters during the initial establishment of the link.
Additional control characters are embedded in the data stream
to maintain synchronization thereafter. A JESD204B receiver is
required to complete the serial link. For additional details on
the JESD204B interface, refer to the JESD204B standard.
The AD9689 JESD204B data transmit block maps up to two
physical ADCs or up to eight virtual converters (when DDCs are
enabled) over a link. A link can be configured to use one, two,
four, or eight JESD204B lanes. The JESD204B specification refers
to a number of parameters to define the link, and these parameters
must match between the JESD204B transmitter (the AD9689
output) and the JESD204B receiver (the logic device input).
The JESD204B link is described according to the following
parameters:
•
L is the number of lanes per converter device (lanes per
link); AD9689 value = 1, 2, 4, or 8.
•
M is the number of converters per converter device (virtual
converters per link); AD9689 value = 1, 2, 4, or 8.
•
F is the octets per frame; AD9689 value = 1, 2, 4, 8, or 16.
•
N΄ is the number of bits per sample (JESD204B word size);
AD9689 value = 8 or 16.
•
N is the converter resolution; AD9689 value = 7 to 16.
•
CS is the number of control bits per sample;
AD9689 value = 0, 1, 2, or 3.
•
K is the number of frames per multiframe;
AD9689 value = 4, 8, 12, 16, 20, 24, 28, or 32.
•
S is the samples transmitted per single converter per frame
cycle; AD9689 value is set automatically based on L, M, F,
and N΄.
•
HD is the high density mode; the AD9689 mode is set
automatically based on L, M, F, and N΄.
•
CF is the number of control words per frame clock cycle
per converter device; AD9689 value = 0.
Figure 131 shows a simplified block diagram of the AD9689
JESD204B link. By default, the AD9689 is configured to use
two converters and eight lanes. Converter A data is output to
SERDOUT0±, SERDOUT1±, SERDOUT2± and SERDOUT3±;
and Converter B is output to SERDOUT4±, SERDOUT5±,
SERDOUT6±, and SERDOUT7±. The AD9689 allows other
configurations, such as combining the outputs of both
converters onto a single lane, or changing the mapping of the
A and B digital output paths. These modes are set up via the SPI
register map, along with additional customizable options.
By default in the AD9689, the 14-bit converter word from each
converter is broken into two octets (eight bits of data). Bit 13
(MSB) through Bit 6 are in the first octet. The second octet
contains Bit 5 through Bit 0 (LSB) and two tail bits. The tail bits
can be configured as zeros or as a pseudorandom number
sequence. The tail bits can also be replaced with control bits
indicating overrange, SYSREF±, or fast detect output.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is recommended to avoid spectral peaks
when transmitting similar digital data patterns. The scrambler
uses a self synchronizing, polynomial-based algorithm defined
by the equation 1 + x14 + x15. The descrambler in the receiver is
a self synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8-bit/10-bit encoder. The
8-bit/10-bit encoder works by taking eight bits of data (an octet)
and encoding them into a 10-bit symbol. Figure 132 shows how
the 14-bit data is taken from the ADC, how the tail bits are added,
how the two octets are scrambled, and how the octets are encoded
into two 10-bit symbols. Figure 132 shows the default data format.
MUX/
FORMAT
(SPI
REGISTERS
0x0561,
0x0564)
JESD204B LINK
CONTROL
(L, M, F)
(SPI REGISTER
0x058B,
0x058E, 0x058C)
LANE MUX
AND
MAPPING
(SPI
REGISTERS
0x05B0,
0x05B2,
0x05B3,
0x05B5,
0x05B6)
CONVERTER A
INPUT
ADC A
CONVERTER B
CONVERTER 0
CONVERTER 1
INPUT
SYSREF±
SERDOUT0±
SERDOUT7±
SERDOUT6±
SERDOUT5±
SERDOUT4±
SERDOUT3±
SERDOUT2±
SERDOUT1±
SYNCINB±
ADC B
Figure 131. Transmit Link Simplified Block Diagram Showing Full Bandwidth Mode (Register 0x0200 = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com