Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 10Page - ATMEL Corporation AT40K Datasheet HTML 11Page - ATMEL Corporation AT40K Datasheet HTML 12Page - ATMEL Corporation AT40K Datasheet HTML 13Page - ATMEL Corporation AT40K Datasheet HTML 14Page - ATMEL Corporation AT40K Datasheet HTML 15Page - ATMEL Corporation AT40K Datasheet HTML 16Page - ATMEL Corporation AT40K Datasheet HTML 17Page - ATMEL Corporation AT40K Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
14
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Clocking Scheme
There are eight Global Clock buses (GCK1 - GCK8) on the AT40K/AT40KLV FPGA.
Each of the eight dedicated Global Clock buses is connected to one of the dual-use Glo-
bal Clock pins. Any clocks used in the design should use global clocks where possible:
this can be done by using Assign Pin Locks to lock the clocks to the Global Clock loca-
tions. In addition to the eight Global Clocks, there are four Fast Clocks (FCK1 - FCK4),
two per edge column of the array for PCI specification.
Each column of an array has a “Column Clock mux” and a “Sector Clock mux”.The Col-
umn Clock mux is at the top of every column of an array and the Sector Clock mux is at
every four cells. The Column Clock mux is selected from one of the eight Global Clock
buses. The clock provided to each sector column of four cells is inverted, non-inverted
or tied off to “0”, using the Sector Clock mux to minimize the power consumption in a
sector that has no clocks. The clock can either come from the Column Clock or from the
Plane 4 express bus, see Figure 10 on page 15. The extreme-left Column Clock mux
has two additional inputs, FCK1 and FCK2, to provide fast clocking to left-side I/Os. The
extreme-right Column Clock mux has two additional inputs as well, FCK3 and FCK4, to
provide fast clocking to right-side I/Os.
The register in each cell is triggered on a rising clock edge by default. Before configura-
tion on power-up, constant “0” is provided to each register’s clock pins. After
configuration on power-up, the registers either set or reset, depending on the user’s
choice.
The clocking scheme is designed to allow efficient use of multiple clocks with low clock
skew, both within a column and across the core cell array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com