Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 39Page - ATMEL Corporation AT40K Datasheet HTML 40Page - ATMEL Corporation AT40K Datasheet HTML 41Page - ATMEL Corporation AT40K Datasheet HTML 42Page - ATMEL Corporation AT40K Datasheet HTML 43Page - ATMEL Corporation AT40K Datasheet HTML 44Page - ATMEL Corporation AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O106
I/O158
180
AD11
I/O159
AE10
I/O160
AC11
I/O161
I/O162
GND
I/O79
I/O107
I/O163
99
179
AF9
I/O80
I/O108
I/O164
100
178
AD10
VCC
VCC
VCC
101
177
VCC
(1)
I/O53
(D12)
I/O81
(D12)
I/O109
(D12)
I/O165
(D12)
46
46
43
60
66
86
102
175
AE9
I/O54
(D11)
I/O82
(D11)
I/O110
(D11)
I/O166
(D11)
47
47
44
61
67
87
103
174
AD9
I/O55
I/O83
I/O111
I/O167
62
68
88
104
173
AC10
I/O56
I/O84
I/O112
I/O168
63
69
89
105
172
AF7
GND
GND
GND
GND
64
70
90
106
171
GND
(1)
I/O113
I/O169
170
AE8
I/O114
I/O170
169
AD8
I/O85
I/O115
I/O171
107
168
AC9
I/O86
I/O116
I/O172
108
167
AF6
I/O173
I/O174
GND
I/O175
I/O176
I/O87
I/O117
I/O177
91
109
166
AE7
I/O88
I/O118
I/O178
92
110
165
AD7
I/O57
I/O89
I/O119
I/O179
71
93
111
164
AE6
I/O58
I/O90
I/O120
I/O180
72
94
112
163
AE5
GND
GND
GND
(1)
VCC
VCC
VCC
(1)
I/O121
I/O181
162
AD6
I/O122
I/O182
161
AC7
I/O59
(D10)
I/O91
(D10)
I/O123
(D10)
I/O183
(D10)
48
48
45
65
73
95
113
160
AF4
I/O60
(D9)
I/O92
(D9)
I/O124
(D9)
I/O184
(D9)
49
49
46
66
74
96
114
159
AF3
I/O185
AE4
I/O186
AC6
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Bottom Side (Left to Right)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com