Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 19Page - ATMEL Corporation AT40K Datasheet HTML 20Page - ATMEL Corporation AT40K Datasheet HTML 21Page - ATMEL Corporation AT40K Datasheet HTML 22Page - ATMEL Corporation AT40K Datasheet HTML 23Page - ATMEL Corporation AT40K Datasheet HTML 24Page - ATMEL Corporation AT40K Datasheet HTML 25Page - ATMEL Corporation AT40K Datasheet HTML 26Page - ATMEL Corporation AT40K Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
23
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Absolute Maximum Ratings – 5V Commercial/Industrial* AT40K
Operating Temperature .................................. -55
°Cto+125°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature ..................................... -65
°Cto +150°C
Voltage on Any Pin
with Respect to Ground .................................-0.5V to VCC +7V
Supply Voltage (VCC) .........................................-0.5V to +7.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.) ............. 250
°C
ESD (RZAP =1.5K, CZAP = 100 pF)................................. 2000V
DC and AC Operating Range – 5V Operation AT40K
Commercial -2
Industrial -2
Military -2
Operating Temperature (Case)
0
°C- 70°C-40°C- 85°C-55°C- 125°C
VCC Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
Input Voltage Level (TTL)
High (VIHT)2.0V - VCC
2.0V - VCC
2.0V - VCC
Low (V
ILT)
0V - 0.8V
0V - 0.8V
0V - 0.8V
Input Voltage Level (CMOS)
High (V
IHC)
70% - 100% V
CC
70% - 100% V
CC
70% - 100% V
CC
Low (V
ILC)
0 - 30% V
CC
0- 30% V
CC
0 - 30% V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com