Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation AT40K Datasheet HTML 49Page - ATMEL Corporation AT40K Datasheet HTML 50Page - ATMEL Corporation AT40K Datasheet HTML 51Page - ATMEL Corporation AT40K Datasheet HTML 52Page - ATMEL Corporation AT40K Datasheet HTML 53Page - ATMEL Corporation AT40K Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O112
(A7)
I/O168
(A7)
I/O224
(A7)
I/O336
(A7)
84
90
87
126
140
181
210
40
B14
GND
GND
GND
GND
1
91
88
127
141
182
211
39
GND
(1)
VCC
VCC
VCC
VCC
2
92
89
128
142
183
212
38
VCC(1)
I/O113
(A8)
I/O169
(A8)
I/O225
(A8)
I/O337
(A8)
3
93
90
129
143
184
213
37
D14
I/O114
(A9)
I/O170
(A9)
I/O226
(A9)
I/O338
(A9)
4
94
91
130
144
185
214
36
C14
I/O339
I/O340
I/O341
I/O342
GND
I/O115
I/O171
I/O227
I/O343
95
92
131
145
186
215
35
A15
I/O116
I/O172
I/O228
I/O344
96
93
132
146
187
216
34
B15
I/O173
I/O229
I/O345
188
217
33
C15
I/O174
I/O230
I/O346
189
218
32
D15
I/O117
(A10)
I/O175
(A10)
I/O231
(A10)
I/O347
(A10)
5
97
94
133
147
190
220
31
A16
I/O118
(A11)
I/O176
(A11)
I/O232
(A11)
I/O348
(A11)
6
98
95
134
148
191
221
30
B16
VCC
VCC
(1)
GND
GND
GND
(1)
I/O233
I/O349
29
C16
I/O234
I/O350
28
B17
I/O351
D16
I/O352
A18
I/O353
I/O354
GND
I/O235
I/O355
27
C17
I/O236
I/O356
26
B18
VCC
VCC
VCC
222
25
VCC
(1)
I/O177
I/O237
I/O357
22323C18
I/O178
I/O238
I/O358
22422D17
I/O119
I/O179
I/O239
I/O359
135
149
192
225
21
A20
I/O120
I/O180
I/O240
I/O360
136
150
193
226
20
B19
GND
GND
GND
GND
137
151
194
227
19
GND
(1)
I/O241
I/O361
18
C19
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Top Side (Right to Left)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. Shared with TSTCLK. No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com