Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation AT40K Datasheet HTML 49Page - ATMEL Corporation AT40K Datasheet HTML 50Page - ATMEL Corporation AT40K Datasheet HTML 51Page - ATMEL Corporation AT40K Datasheet HTML 52Page - ATMEL Corporation AT40K Datasheet HTML 53Page - ATMEL Corporation AT40K Datasheet HTML 54Page - ATMEL Corporation AT40K Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
51
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O242
I/O362
17
D18
I/O181
I/O243
I/O363
195
228
16
A21
I/O182
I/O244
I/O364
196
229
15
B20
I/O365
I/O366
GND
I/O367
I/O368
I/O121
I/O183
I/O245
I/O369
152
197
230
14
C20
I/O122
I/O184
I/O246
I/O370
153
198
231
13
B21
I/O123
(A12)
I/O185
(A12)
I/O247
(A12)
I/O371
(A12)
7
99
96
138
154
199
232
12
B22
I/O124
(A13)
I/O186
(A13)
I/O248
(A13)
I/O372
(A13)
8
100
97
139
155
200
233
10
C21
GND
GND
GND
(1)
VCC
VCC
VCC
(1)
I/O249
I/O373
9D20
I/O250
I/O374
8A23
I/O375
A24
I/O376
B23
I/O377
I/O378
GND
I/O187
I/O251
I/O379
2347D21
I/O188
I/O252
I/O380
2356C22
I/O125
I/O189
I/O253
I/O381
140
156
201
236
5
B24
I/O126
I/O190
I/O254
I/O382
141
157
202
237
4
C23
I/O127
(A14)
I/O191
(A14)
I/O255
(A14)
I/O383
(A14)
9
1
98
142
158
203
238
3
D22
I/O128,
GCK8
(A15)
I/O192,
GCK8
(A15)
I/O256,
GCK8
(A15)
I/O384,
GCK8
(A15)
10
2
99
143
159
204
239
2
C24
VCC
VCC
VCC
VCC
11
3
100
144
160
205
240
1
VCC
(1)
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Top Side (Right to Left)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. Shared with TSTCLK. No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com