Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 15Page - ATMEL Corporation AT40K Datasheet HTML 16Page - ATMEL Corporation AT40K Datasheet HTML 17Page - ATMEL Corporation AT40K Datasheet HTML 18Page - ATMEL Corporation AT40K Datasheet HTML 19Page - ATMEL Corporation AT40K Datasheet HTML 20Page - ATMEL Corporation AT40K Datasheet HTML 21Page - ATMEL Corporation AT40K Datasheet HTML 22Page - ATMEL Corporation AT40K Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
19
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Primary, Secondary and
Corner I/Os
The AT40K/AT40KLV has three kinds of I/Os: Primary I/O, Secondary I/O and a Corner
I/O. Every edge cell except corner cells on the AT40K/AT40KLV has access to one Pri-
mary I/O and two Secondary I/Os.
Primary I/O
Every logic cell at the edge of the FPGA array has a direct orthogonal connection to and
from a Primary I/O cell. The Primary I/O interfaces directly to its adjacent core cell. It
also connects into the repeaters on the row immediately above and below the adjacent
core cell. In addition, each Primary I/O also connects into the busing network of the
three nearest edge cells. This is an extremely powerful feature, as it provides logic cells
toward the center of the array with fast access to I/Os via local and express buses. It can
be seen from the diagram that a given Primary I/O can be accessed from any logic cell
on three separate rows or columns of the FPGA. See Figures 12a on page 20 and 13a
on page 21.
Secondary I/O
Every logic cell at the edge of the FPGA array has two direct diagonal connections to a
Secondary I/O cell. The Secondary I/O is located between core cell locations. This I/O
connects on the diagonal inputs to the cell above and the cell below. It also connects to
the repeater of the cell above and below. In addition, each Secondary I/O also connects
into the busing network of the two nearest edge cells. This is an extremely powerful fea-
ture, as it provides logic cells toward the center of the array with fast access to I/Os via
local and express buses. It can be seen from the diagram that a given Secondary I/O
can be accessed from any logic cell on two rows or columns of the FPGA. See Figure
12b on page 20 and Figure 13b.
Corner I/O
Logic cells at the corner of the FPGA array have direct-connect access to five separate
I/Os: 2 Primary, 2 Secondary and 1 Corner I/O. Corner I/Os are like an extra Secondary
I/O at each corner of the array. With the inclusion of Corner I/Os, an AT40K/AT40KLV
FPGA with n x n core cells always has 8n I/Os. As the diagram shows, Corner I/Os can
be accessed both from the corner logic cell and the horizontal and vertical busing net-
works running along the edges of the array. This means that many different edge logic
cells can access the Corner I/Os. See Figure 14 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com