Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 44Page - ATMEL Corporation AT40K Datasheet HTML 45Page - ATMEL Corporation AT40K Datasheet HTML 46Page - ATMEL Corporation AT40K Datasheet HTML 47Page - ATMEL Corporation AT40K Datasheet HTML 48Page - ATMEL Corporation AT40K Datasheet HTML 49Page - ATMEL Corporation AT40K Datasheet HTML 50Page - ATMEL Corporation AT40K Datasheet HTML 51Page - ATMEL Corporation AT40K Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
CCLK
CCLK
CCLK
CCLK
73
77
74
107
119
153
179
78
C3
VCC
VCC
VCC
VCC
74
78
75
108
120
154
180
77
VCC(1)
TSTCLK
TSTCLK
TSTCLK
TSTCLK
75
79
76
109
121
159
181
76
D4
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Top Side (Right to Left)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
GND
GND
GND
GND
76
80
77
110
122
160
182
75
GND
(1)
I/O97
(A0)
I/O145
(A0)
I/O193
(A0)
I/O289
(A0)
77
81
78
111
123
161
183
74
B3
I/O98,
GCK7
(A1)
I/O146,
GCK7
(A1)
I/O194,
GCK7
(A1)
I/O290,
GCK7
(A1)
78
82
79
112
124
162
184
73
C4
I/O99
I/O147
I/O195
I/O291
113
125
163
185
72
D5
I/O100
I/O148
I/O196
I/O292
114
126
164
186
71
A3
I/O293
I/O294
GND
I/O295
C5
I/O296
B4
I/O101
(CS1,A2)
I/O149
(CS1,A2)
I/O197
(CS1,A2)
I/O297
(CS1,A2)
79
83
80
115
127
165
187
70
D6
I/O102
(A3)
I/O150
(A3)
I/O198
(A3)
I/O298
(A3)
80
84
81
116
128
166
188
69
C6
I/O199
I/O299
68
B5
I/O200
I/O300
67
A4
VCC
VCC
VCC(1)
GND
GND
GND
(1)
I/O151(3)
I/O201(3)
I/O301(3)
75(3)
NC
79(3)
NC
76(3)
NC
109(3)
NC
121(3)
NC
159(3)
NC
189(3)
NC
66(3)
NC
C7(3)
NC
I/O152
I/O202
I/O302
190
65
B6
I/O103
I/O153
I/O203
I/O303
117
129
167
191
64
A6
I/O104
(3)
I/O154
I/O204
I/O304
130
168
192
63
D8
I/O305
C8
I/O306
GND
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.
3. Shared with TSTCLK. No Connect.
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Right Side (Bottom to Top)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com