Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 54Page - ATMEL Corporation AT40K Datasheet HTML 55Page - ATMEL Corporation AT40K Datasheet HTML 56Page - ATMEL Corporation AT40K Datasheet HTML 57Page - ATMEL Corporation AT40K Datasheet HTML 58Page - ATMEL Corporation AT40K Datasheet HTML 59Page - ATMEL Corporation AT40K Datasheet HTML 60Page - ATMEL Corporation AT40K Datasheet HTML 61Page - ATMEL Corporation AT40K Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Packaging Information
84J – PLCC
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
84J, 84-lead, Plastic J-leaded Chip Carrier (PLCC)
B
84J
10/04/01
45˚ MAX (3X)
Notes:
1. This package conforms to JEDEC reference MS-018, Variation AF.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
4.191
–
4.572
A1
2.286
–
3.048
A2
0.508
–
–
D
30.099
–
30.353
D1
29.210
–
29.413
Note 2
E
30.099
–
30.353
E1
29.210
–
29.413
Note 2
D2/E2
27.686
–
28.702
B
0.660
–
0.813
B1
0.330
–
0.533
e
1.270 TYP
A
A1
B1
D2/E2
B
e
E1
E
D1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com