Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 14Page - ATMEL Corporation AT40K Datasheet HTML 15Page - ATMEL Corporation AT40K Datasheet HTML 16Page - ATMEL Corporation AT40K Datasheet HTML 17Page - ATMEL Corporation AT40K Datasheet HTML 18Page - ATMEL Corporation AT40K Datasheet HTML 19Page - ATMEL Corporation AT40K Datasheet HTML 20Page - ATMEL Corporation AT40K Datasheet HTML 21Page - ATMEL Corporation AT40K Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O Structure
PAD
The I/O pad is the one that connects the I/O to the outside world. Note that not all I/Os
have pads: the ones without pads are called Unbonded I/Os. The number of unbonded
I/Os varies with the device size and package. These unbonded I/Os are used to perform
a variety of bus turns at the edge of the array.
PULL-UP/PULL-DOWN
Each pad has a programmable pull-up and pull-down attached to it. This supplies a
weak “1” or “0” level to the pad pin. When all other drivers are off, this control will dictate
the signal level of the pad pin.
The input stage of each I/O cell has a number of parameters that can be programmed
either as properties in schematic entry or in the I/O Pad Attributes editor in IDS.
TTL/CMOS
The threshold level can be set to either TTL/CMOS-compatible levels.
SCHMITT
A Schmitt trigger circuit can be enabled on the inputs. The Schmitt trigger is a regenera-
tive comparator circuit that adds 1V hysteresis to the input. This effectively improves the
rise and fall times (leading and trailing edges) of the incoming signal and can be useful
for filtering out noise.
DELAYS
The input buffer can be programmed to include four different intrinsic delays as specified
in the AC timing characteristics. This feature is useful for meeting data hold require-
ments for the input signal.
DRIVE
The output drive capabilities of each I/O are programmable. They can be set to FAST,
MEDIUM or SLOW (using IDS tool). The FAST setting has the highest drive capability
(20 mA at 5V) buffer and the fastest slew rate. MEDIUM produces a medium drive
(14 mA at 5V) buffer, while SLOW yields a standard (6 mA at 5V) buffer.
TRI-STATE
Theoutput of each I/O canbemade tri-state (0, 1 or Z), opensource(1or Z) oropen
drain (0 or Z) by programming an I/O’s Source Selection mux. Of course, the output can
be normal (0 or 1), as well.
SOURCE SELECTION MUX
The Source Selection mux selects the source for the output signal of an I/O, see
Figure 12 on page 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com