Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 60 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 56Page - ATMEL Corporation AT40K Datasheet HTML 57Page - ATMEL Corporation AT40K Datasheet HTML 58Page - ATMEL Corporation AT40K Datasheet HTML 59Page - ATMEL Corporation AT40K Datasheet HTML 60Page - ATMEL Corporation AT40K Datasheet HTML 61Page - ATMEL Corporation AT40K Datasheet HTML 62Page - ATMEL Corporation AT40K Datasheet HTML 63Page - ATMEL Corporation AT40K Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
100Q4 – PQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
100Q4
A
3/29/02
100Q4, 100-lead, 14 x 20 mm Body, 3.2 Form Opt.,
Plastic Quad Flat Pack (PQFP)
Side View
Top View
Bottom View
E1
D1
D
E
A2
A1
e
b
L1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.25
–
0.50
5
A2
2.50
2.70
2.90
D
23.20 BSC
2
D1
20.00 BSC
3
E
17.20 BSC
2
E1
14.00 BSC
3
e
0.65 BSC
b
0.22
0.40
4
L1
1.60 REF
Notes: 1. This drawing is for general information only. Refer to JEDEC Drawing
MS-022, Variation GC-1, for additional information.
2. To be determined at seating plane.
3. Regardless of the relative size of the upper and lower body sections,
dimensions D1 and E1 are determined at the largest feature of the body
exclusive of mold Flash and gate burrs, but including any mismatch
between the upper and lower sections of the molded body.
4. Dimension b does not include Dambar protrusion. The Dambar
protrusion(s) shall not cause the lead width to exceed b maximum by more
than 0.08 mm. Dambar cannot be located on the lower radius or the lead
foot.
5. A1 is defined as the distance from the seating plane to the lowest
point of the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com