Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 12Page - ATMEL Corporation AT40K Datasheet HTML 13Page - ATMEL Corporation AT40K Datasheet HTML 14Page - ATMEL Corporation AT40K Datasheet HTML 15Page - ATMEL Corporation AT40K Datasheet HTML 16Page - ATMEL Corporation AT40K Datasheet HTML 17Page - ATMEL Corporation AT40K Datasheet HTML 18Page - ATMEL Corporation AT40K Datasheet HTML 19Page - ATMEL Corporation AT40K Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
16
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
Set/Reset Scheme
The AT40K/AT40KLV family reset scheme is essentially the same as the clock scheme
except that there is only one Global Reset. A dedicated Global Set/Reset bus can be
driven by any User I/O, except those used for clocking (Global Clocks or Fast Clocks).
The automatic placement tool will choose the reset net with the most connections to use
the global resources. You can change this by using an RSBUF component in your
design to indicate the global reset. Additional resets will use the express bus network.
The Global Set/Reset is distributed to each column of the array. Like Sector Clock mux,
there is Sector Set/Reset mux at every four cells. Each sector column of four cells is
set/reset by a Plane 5 express bus or Global Set/Reset using the Sector Set/Reset mux,
see Figure 11 on page 17. The set/reset provided to each sector column of four cells is
either inverted or non-inverted using the Sector Reset mux.
The function of the Set/Reset input of a register is determined by a configuration bit in
each cell. The Set/Reset input of a register is active low (logic 0) by default. Setting or
Resetting of a register is asynchronous. Before configuration on power-up, a logic 1 (a
high) is provided by each register (i.e., all registers are set at power-up).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com