Electronic Components Datasheet Search
  English  ▼

X  

AT40K Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT40K
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT40K Datasheet HTML 59Page - ATMEL Corporation AT40K Datasheet HTML 60Page - ATMEL Corporation AT40K Datasheet HTML 61Page - ATMEL Corporation AT40K Datasheet HTML 62Page - ATMEL Corporation AT40K Datasheet HTML 63Page - ATMEL Corporation AT40K Datasheet HTML 64Page - ATMEL Corporation AT40K Datasheet HTML 65Page - ATMEL Corporation AT40K Datasheet HTML 66Page - ATMEL Corporation AT40K Datasheet HTML 67Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
64
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
240Q1 – PQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
240Q1
A
3/29/02
240Q1, 240-lead, 32 x 32 mm Body, 2.6 Form Opt.,
Plastic Quad Flat Pack (PQFP)
E
D
E1
D1
A2
A1
b
L1
e
Side View
Top View
Bottom View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.25
–
0.50
A2
3.20
3.40
3.60
D
34.60 BSC
3
D1
32.00 BSC
2, 4
E
34.60 BSC
3
E1
32.00 BSC
2, 4
e
0.50 BSC
b
0.17
–
0.27
5
L1
1.30 REF
Notes: 1. This drawing is for general information only. Refer to JEDEC Drawing
MS-029, Variation GA, for additional information.
2. All dimensioning and tolerancing conforms to ASME Y14.5M-1994.
3. To be determined at seating plane.
4. Dimensions D1 and E1 do not include mold protrusions. Allowable
protrusion is 0.25 mm per side. D1 and E1 are maximum plastic body size
dimensions including mold mismatch. Dimensions D1 and E1 shall be
determined at datum plane.
5. Dimension b does not include Dambar protrusion. Allowable Dambar
protrusion shall not cause the lead width to exceed the maximum b
dimension by more than 0.08 mm. Dambar cannot be located on the lower
radius or the foot. The minimum space between protrusion and an adjacent
lead shall not be less than 0.07 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com