Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9244 Datasheet HTML 29Page - Analog Devices AD9244 Datasheet HTML 30Page - Analog Devices AD9244 Datasheet HTML 31Page - Analog Devices AD9244 Datasheet HTML 32Page - Analog Devices AD9244 Datasheet HTML 33Page - Analog Devices AD9244 Datasheet HTML 34Page - Analog Devices AD9244 Datasheet HTML 35Page - Analog Devices AD9244 Datasheet HTML 36Page - Analog Devices AD9244 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
AD9244
Rev. C | Page 34 of 36
Table 15. Evaluation Board Bill of Materials
Item
Qty.
Reference Designator
Description
Package
Value
1
11
C1, C3, C4, C5, C15, C20, C21, C22, C23, C26, C27
Tantalum capacitors
BCASE
10 μF
2
28
C2, C7, C8, C10, C11, C12, C13, C14, C16, C17, C18, C19, C28, C29,
C31, C32, C33, C34, C35, C36, C37, C38, C50, C52, C53, C59, C61, C69
Chip capacitors
1206
0.1 μF
3
4
C6, C47, C48, C58
Tantalum capacitors
DCASE
22 μF
4
2
C9, C25
Chip capacitors
1206
0.33 μF
5
1
C24
Chip capacitor
0805
20 pF
6
3
C30, C46, C49
Chip capacitors
0805
0.1 μF
7
5
C39, C40, C41, C42, C45
Chip capacitors
0805
0.001 μF
8
2
C43, C44
DNP1
0805
DNP1
9
1
C60
Chip capacitor
1206
0.01 μF
10
1
D3
Diode
SOT-23 Can
1.2 V
11
1
J1
Header male
40 PIN RA
Header
12
12
JP1, JP2, JP3, JP4, JP5, JP6, JP8, JP9, JP22, JP23, JP24, JP25
Headers
JPRBLK02
13
11
JP11, JP12, JP13, JP14, JP15, JP40, JP41, JP42, JP43, JP45, JP46
Solder jumpers
14
1
JP18
Header
JPRBLK03
15
4
L1, L2, L3, L4
Chip inductors
LC1210
FBEAD
16
6
R1, R5, R11, R24, R29, R31
Chip resistors
RC07CUP
49.9 Ω
17
1
R2
Potentiometer
RV3299UP
5 kΩ
18
2
R3, R4
DNP1
RC07CUP
DNP1
19
5
R6, R10, R40, R41, R42
Chip resistors
1206
1 kΩ
20
2
R7, R9
Chip resistors
1206
22 Ω
21
1
R8
Chip resistor
1206
500 Ω
22
2
R12, R13
Chip resistors
1206
113 Ω
23
2
R14, R15
Chip resistors
1206
90 Ω
24
1
R16
Chip resistor
1206
2.55 kΩ
25
2
R17, R20
Chip resistors
1206
2 kΩ
26
2
R18, R19
Chip resistors
1206
4 kΩ
27
6
R21, R22, R23, R25, R46, R47
Chip resistors
1206
33 Ω
28
3
R26, R27, R28
Potentiometers
RV3299UP
2 kΩ
29
4
R30, R32, R33, R38
Chip resistors
1206
10 kΩ
30
1
R34
Chip resistor
1206
523 Ω
31
3
R35, R36, R37
Chip resistors
1206
499 Ω
32
1
R39
Chip resistor
1206
49.9 Ω
33
2
R43, R44
Chip resistors
1206
100 Ω
34
1
R45
Potentiometer
RV3299UP
10 kΩ
35
2
RP1, RP2
Resistor packs
RCTS766
22 Ω
36
4
RP3, RP4, RP5, RP6
Resistor packs
RCA74204
22 Ω
37
6
S1, S2, S3, S4, S5, S6
SMA connectors 50 Ω
SMA200UP
38
1
T1
Transformer
DIP06RCUP
T1-1TX65
39
1
T4
Transformer
MINI_CD637
ADT4-6T
40
1
TB1
Header
TBLK06REM
40a
1
TB1a
Header
41
4
TP1, TP2, TP3, TP4
Test points
LOOPTP
RED
42
2
TP5, TP7
Test points
LOOPMINI
WHT
43
4
TP11, TP12, TP13, TP14
Test points
LOOPTP
BLK
44
1
U1
AD9244
LQFP-48
AD9244
45
1
U2
AD8138 amplifier
R-8
AD8138
46
1
U3
ECL divider
SO8
MC10EL16
47
1
U4
Hex inverter
TSSOP14
74VHC04MTC
48
1
U5
AD822 op amp
SOIC-8
AD822
49
2
U6, U7
Octal registers
SOL20
74VHC541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com