Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 5 Page - Analog Devices

  AD9244 Datasheet HTML 1Page - Analog Devices AD9244 Datasheet HTML 2Page - Analog Devices AD9244 Datasheet HTML 3Page - Analog Devices AD9244 Datasheet HTML 4Page - Analog Devices AD9244 Datasheet HTML 5Page - Analog Devices AD9244 Datasheet HTML 6Page - Analog Devices AD9244 Datasheet HTML 7Page - Analog Devices AD9244 Datasheet HTML 8Page - Analog Devices AD9244 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9244
Rev. C | Page 4 of 36
AC SPECIFICATIONS
AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS (–65) or 40 MSPS (–40), differential clock inputs, VREF = 2 V, external reference,
AIN = –0.5 dBFS, differential analog inputs, unless otherwise noted.
Table 2.
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
SNR1
fIN = 2.4 MHz
Full
VI
72.4
73.4
dBc
25°C
I
74.8
75.3
dBc
fIN = 15.5 MHz (–1 dBFS)
Full
IV
72.0
dBc
25°C
V
73.7
dBc
fIN = 20 MHz
Full
VI
72.1
dBc
25°C
I
74.7
dBc
fIN = 32.5 MHz
Full
IV
70.8
dBc
25°C
I
73.0
dBc
fIN = 70 MHz
Full
IV
69.9
dBc
25°C
V
72.2
dBc
fIN = 100 MHz
25°C
V
71.2
72.8
dBc
fIN = 200 MHz
25°C
V
67.2
68.3
dBc
SINAD1
fIN = 2.4 MHz
Full
VI
72.2
73.2
dBc
25°C
I
74.7
75.1
dBc
fIN = 20 MHz
Full
VI
72
dBc
25°C
I
74.4
dBc
fIN = 32.5 MHz
Full
IV
70.6
dBc
25°C
I
72.6
dBc
fIN = 70 MHz
Full
IV
69.7
dBc
25°C
V
71.9
dBc
fIN = 100 MHz
25°C
V
71
72.4
dBc
fIN = 200 MHz
25°C
V
59.8
56.3
dBc
ENOB
fIN = 2.4 MHz
Full
VI
11.7
11.9
Bits
25°C
I
12.1
12.2
Bits
fIN = 20 MHz
Full
VI
11.7
Bits
25°C
I
12.1
Bits
fIN = 32.5 MHz
Full
IV
11.4
Bits
25°C
I
11.8
Bits
fIN = 70 MHz
Full
IV
11.3
Bits
25°C
V
11.7
Bits
fIN = 100 MHz
25°C
V
11.5
11.7
Bits
fIN = 200 MHz
25°C
V
9.6
9.1
Bits
THD1
fIN = 2.4 MHz
Full
VI
−78.4
−80.7
dBc
25°C
I
−90.0
−89.7
dBc
fIN = 20 MHz
Full
VI
−80.4
dBc
25°C
I
−89.4
dBc
fIN = 32.5 MHz
Full
IV
−79.2
dBc
25°C
I
−84.6
dBc
fIN = 70 MHz
Full
IV
−78.7
dBc
25°C
V
−84.1
dBc
fIN = 100 MHz
25°C
V
−83.0
−83.2
dBc
fIN = 200 MHz
25°C
V
−60.7
−56.6
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com