Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices AD9244 Datasheet HTML 20Page - Analog Devices AD9244 Datasheet HTML 21Page - Analog Devices AD9244 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AD9244
Rev. C | Page 17 of 36
THEORY OF OPERATION
The AD9244 is a high performance, single-supply 14-bit ADC.
In addition to high dynamic range Nyquist sampling, it is
designed for excellent IF undersampling performance with an
analog input as high as 240 MHz.
The AD9244 uses a calibrated 10-stage pipeline architecture
with a patented, wideband, input sample-and-hold amplifier
(SHA) implemented on a cost-effective CMOS process. Each
stage of the pipeline, excluding the last, consists of a low resolu-
tion flash ADC along with a switched capacitor DAC and
interstage residue amplifier (MDAC). The MDAC amplifies the
difference between the reconstructed DAC output and the flash
input for the next stage in the pipeline. One bit of redundancy is
used in each of the stages to facilitate digital correction of flash
errors. The last stage simply consists of a flash ADC.
The pipeline architecture allows a greater throughput rate at the
expense of pipeline delay or latency. While the converter cap-
tures a new input sample every clock cycle, it takes eight clock
cycles for the conversion to be fully processed and appear at the
output, as illustrated in Figure 2. This latency is not a concern
in many applications. The digital output, together with the OTR
indicator, is latched into an output buffer to drive the output
pins. The output drivers of the AD9244 can be configured to
interface with 5 V or 3.3 V logic families.
The AD9244 has a duty clock stabilizer (DCS) that generates its
own internal falling edge to create an internal 50% duty cycle
clock, independent of the externally applied duty cycle. Control
of straight binary or twos complement output format is accom-
plished with the DFS pin.
The ADC samples the analog input on the rising edge of the
clock. While the clock is low, the input SHA is in sample mode.
When the clock transitions to a high logic level, the SHA goes
into the hold mode. System disturbances just prior to or imme-
diately after the rising edge of the clock and/or excessive clock
jitter can cause the SHA to acquire the wrong input value and
should be minimized.
ANALOG INPUT AND REFERENCE OVERVIEW
The differential input span of the AD9244 is equal to the poten-
tial at the VREF pin. The VREF potential can be obtained from
the internal AD9244 reference or an external source.
In differential applications, the center point of the input span is
the common-mode level of the input signals. In single-ended
applications, the center point is the dc potential applied to one
input pin while the signal is applied to the opposite input pin.
Figure 40 to Figure 42 show various system configurations.
REFT
REFB
VREF
SENSE
AD9244
VIN+
VIN–
33
Ω
20pF
2V
10
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
10
μF
33
Ω
50V
REFGND
+
+
2.5V
1.5V
2.5V
1.5V
Figure 40. 2 V p-p Differential Input, Common-Mode Voltage = 2 V
REFT
REFB
VREF
SENSE
AD9244
VIN+
VIN–
33
Ω
20pF
2V
10
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
10
μF
33
Ω
REFGND
+
+
3.0V
2.0V
Figure 41. 2 V p-p Single-Ended Input, Common-Mode Voltage = 2 V
REFT
REFB
VREF
SENSE
AD9244
VIN+
VIN–
33
Ω
20pF
0.1pF
2V
2.5V
10
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
10
μF
33
Ω
50
Ω
REFGND
+
+
3.0V
2.0V
3.0V
2.0V
Figure 42. 2 V p-p Differential Input, Common-Mode Voltage = 2.5 V
Figure 43 is a simplified model of the AD9244 analog input,
showing the relationship between the analog inputs, VIN+,
VIN–, and the reference voltage, VREF. Note that this is only a
symbolic model and that no actual negative voltages exist inside
the AD9244. Similar to the voltages applied to the top and bot-
tom of the resistor ladder in a flash ADC, the value VREF/2
defines the minimum and maximum input voltages to the
ADC core.
AD9244
+VREF/2
–VREF/2
VIN+
VIN–
VCORE
+
–
ADC
CORE
14
Figure 43. Equivalent Analog Input of AD9244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com