Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9244 Datasheet HTML 29Page - Analog Devices AD9244 Datasheet HTML 30Page - Analog Devices AD9244 Datasheet HTML 31Page - Analog Devices AD9244 Datasheet HTML 32Page - Analog Devices AD9244 Datasheet HTML 33Page - Analog Devices AD9244 Datasheet HTML 34Page - Analog Devices AD9244 Datasheet HTML 35Page - Analog Devices AD9244 Datasheet HTML 36Page - Analog Devices AD9244 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
AD9244
Rev. C | Page 36 of 36
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
7.00
BSC SQ
1.60
MAX
0.75
0.60
0.45
VIEW A
9.00
BSC SQ
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
Figure 74. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9244BST-65
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTRL-65
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTZ-651
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTZRL-651
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BST-40
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTRL-40
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTZ-401
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244BSTZRL-401
–40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD9244-65PCB
Evaluation Board
AD9244-40PCB
Evaluation Board
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02404-0-12/05(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com