Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9244 Datasheet HTML 27Page - Analog Devices AD9244 Datasheet HTML 28Page - Analog Devices AD9244 Datasheet HTML 29Page - Analog Devices AD9244 Datasheet HTML 30Page - Analog Devices AD9244 Datasheet HTML 31Page - Analog Devices AD9244 Datasheet HTML 32Page - Analog Devices AD9244 Datasheet HTML 33Page - Analog Devices AD9244 Datasheet HTML 34Page - Analog Devices AD9244 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD9244
Rev. C | Page 30 of 36
C69
0.1
μF
C15
10
μF
10V
AVDD
S2
R31
49.9
Ω
–IN
+IN
V–
V+
OUT–
OUT+
U2
AD8138
VOCM
1
8
6
5
3
4
2
R36
499
Ω
R35
499
Ω
AMP INPUT
R34
523
Ω
R37
499
Ω
C8
0.1
μF
R32
10k
Ω
R33
10k
Ω
AVDD
R46
33
Ω
R47
33
Ω
JP42
R21
33
Ω
C44
DNP
VIN+
VIN–
R22
33
Ω
C43
DNP
C7
0.1
μF
R41
1k
Ω
R40
1k
Ω
AVDD
C9
0.33
μF
JP5
R5
49.9
Ω
SINGLE
INPUT
S3
NC= 2
PS
ADT4-6T
T4
T1
PS
T1-1TX65
16
5
34
NC = 5
1
2
3
5
4
R24
49.9
Ω
S4
XFMRINPUT
C24
20pF
R8
500
Ω
C25
0.33
μF
C16
0.1
μF
AVDD
CW
R28
2k
Ω
+
JP45
JP40
JP46
JP43
JP41
Figure 67. AD9244 Evaluation Board, Analog Input Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com