Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9244 Datasheet HTML 11Page - Analog Devices AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
AD9244
Rev. C | Page 14 of 36
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
–100
–95
–90
–85
–80
–75
FOURTH
HARMONIC
SECOND
HARMONIC
THIRD
HARMONIC
Figure 22. Harmonics vs. Input Frequency
11.34
12.33
12.17
12.00
11.67
11.50
11.83
SAMPE RATE (MSPS)
100
0
204060
80
76
75
74
73
72
71
70
fIN = 20MHz
fIN = 10MHz
fIN = 2MHz
Figure 23. SINAD/ENOB vs. Sample Rate
CODES (14-Bit)
16384
0
4096
8192
12288
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
Figure 24. Typical INL
DUTY CYCLE (%)
70
30
35
40
45
50
55
60
65
100
95
90
85
80
75
60
65
60
SNR, DCS ON
SFDR, DCS ON
SFDR, DCS OFF
SNR, DCS OFF
Figure 25. SNR/SFDR vs. Duty Cycle, fIN = 2.5 MHz
SAMPLE RATE (MSPS)
100
0
2040
6080
100
96
92
88
84
80
fIN = 2MHz
fIN = 10MHz
fIN = 20MHz
Figure 26. SFDR vs. Sample Rate
CODES (14-Bit)
16384
0
4096
8192
12288
1.0
0.8
0.6
0.4
0.2
–0.4
–0.2
0
–0.6
–0.8
–1.0
Figure 27. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com