Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9244 Datasheet HTML 10Page - Analog Devices AD9244 Datasheet HTML 11Page - Analog Devices AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
AD9244
Rev. C | Page 13 of 36
10.5
12.2
11.9
11.5
11.2
10.8
INPUT FREQUENCY (MHz)
140
0
20406080
100
120
75
73
71
69
67
65
2V SPAN
1V SPAN
Figure 16. SINAD/ENOB vs. Input Frequency
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
–100
–95
–90
–85
–80
–75
2V SPAN
1V SPAN
Figure 17. THD vs. Input Frequency
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
77
75
73
71
69
67
+25°C
+85°C
–40°C
Figure 18. SNR vs. Temperature and Input Frequency, DCS Disabled
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
75
73
71
69
67
65
2V SPAN
1V SPAN
Figure 19. SNR vs. Input Frequency
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
100
95
90
85
80
75
2V SPAN
1V SPAN
Figure 20. SFDR vs. Input Frequency
INPUT FREQUENCY (MHz)
140
0
20
40
60
80
100
120
–92
–88
–90
–84
–86
–80
–82
–76
–78
–74
–40°C
+85°C
+25°C
Figure 21. THD vs. Temperature and Input Frequency, DCS Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com