Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices AD9244 Datasheet HTML 20Page - Analog Devices AD9244 Datasheet HTML 21Page - Analog Devices AD9244 Datasheet HTML 22Page - Analog Devices AD9244 Datasheet HTML 23Page - Analog Devices AD9244 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AD9244
Rev. C | Page 19 of 36
The optimum noise and dc linearity performance for either
differential or single-ended inputs is achieved with the largest
input signal voltage span (that is, 2 V input span) and matched
input impedance for VIN+ and VIN–. Only a slight degradation
in dc linearity performance exists between the 2 V and 1 V
input spans; however, the SNR is lower in the 1 V input span.
When the ADC is driven by an op amp and a capacitive load is
switched onto the output of the op amp, the output momentar-
ily drops due to its effective output impedance. As the output
recovers, ringing can occur. To remedy the situation, a series
resistor, RS, can be inserted between the op amp and the SHA
input, as shown in Figure 45. A shunt capacitance also acts like
a charge reservoir, sinking or sourcing the additional charge
required by the sampling capacitor, CS, further reducing current
transients seen at the op amp’s output.
VREF
SENSE
AD9244
VIN+
VIN–
RS
33
Ω
CS
20pF
10
μF
0.1
μF
RS
33
Ω
5
Ω
REFCOM
+
0.1
μF
VCC
VEE
Figure 45. Resistors Isolating SHA Input from Op Amp
The optimum size of this resistor is dependent on several
factors, including the ADC sampling rate, the selected op amp,
and the particular application. In most applications, a 30 Ω to
100 Ω resistor is sufficient.
For noise-sensitive applications, the very high bandwidth of the
AD9244 can be detrimental, and the addition of a series resistor
and/or shunt capacitor can help limit the wideband noise at the
ADC’s input by forming a low-pass filter. The source impedance
driving VIN+ and VIN− should be matched. Failure to provide
matching can result in degradation of the SNR, THD, and SFDR
performance.
Single-Ended Input Configuration
A single-ended input can provide adequate performance in
cost-sensitive applications. In this configuration, there is
degradation in distortion performance due to large input
common-mode swing. However, if the source impedances on
each input are matched, there should be little effect on SNR
performance.
The internal reference can be used to drive the inputs. Figure 45
shows an example of VREF driving VIN−. In this operating
mode, a 5 Ω resistor and a 0.1 μF capacitor must be connected
between VREF and VIN−, as shown in Figure 45, to limit the
reference noise sampled by the analog input.
Differentially Driving the Analog Inputs
The AD9244 has a very flexible input structure, allowing it to
interface with single-ended or differential inputs.
The optimum mode of operation, analog input range, and associ-
ated interface circuitry is determined by the particular application’s
performance requirements as well as power supply options.
Differential operation requires that VIN+ and VIN− be
simultaneously driven with two equal signals that are 180°out of
phase with each other.
Differential modes of operation (ac-coupled or dc-coupled input)
provide the best SFDR performance over a wide frequency range.
They should be considered for the most demanding spectral-
based applications; that is, direct IF conversion to digital.
Because not all applications have a signal precondition for
differential operation, there is often a need to perform a single-
ended-to-differential conversion. In systems that do not require
dc coupling, an RF transformer with a center tap is the best
method for generating differential input signals for the AD9244.
This provides the benefit of operating the ADC in the differen-
tial mode without contributing additional noise or distortion.
An RF transformer also has the added benefit of providing
electrical isolation between the signal source and the ADC.
The differential input characterization was performed using the
configuration in Figure 46. The circuit uses a Mini-Circuits® RF
transformer, model T1-1T, which has an impedance ratio of 1:1.
This circuit assumes that the signal source has a 50 Ω source
impedance. The secondary center tap of the transformer allows
a dc common-mode voltage to be added to the differential input
signal. In Figure 46, the center tap is connected to a resistor
divider providing a half supply voltage. It could also be
connected to the CML pin of the AD9244. For IF sampling
applications (70 MHz < fIN < 200 MHz), it is recommended that
the 20 pF differential capacitor between VIN+ and VIN− be
reduced or removed.
REFT
REFB
AD9244
VIN+
VIN–
RS
33
Ω
20pF
0.1
μF
0.1
μF
0.1
μF
10
μF
RS
33
Ω
50
Ω
+
1k
Ω
1k
Ω
0.1
μF
AVDD
MINI-CIRCUITS
T1–1T
Figure 46. Transformer-Coupled Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com