Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices AD9244 Datasheet HTML 20Page - Analog Devices AD9244 Datasheet HTML 21Page - Analog Devices AD9244 Datasheet HTML 22Page - Analog Devices AD9244 Datasheet HTML 23Page - Analog Devices AD9244 Datasheet HTML 24Page - Analog Devices AD9244 Datasheet HTML 25Page - Analog Devices AD9244 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AD9244
Rev. C | Page 21 of 36
Using an External Reference
To use an external reference, the internal reference must be dis-
abled by connecting the SENSE pin to AVDD. The AD9244
contains an internal reference buffer, A2 (see Figure 48), that
simplifies the drive requirements of an external reference. The
external reference must be able to drive a 5 kΩ (±20%) load.
The bandwidth of the reference is deliberately left small to
minimize the reference noise contribution. As a result, it is not
possible to drive VREF externally with high frequencies.
Figure 51 shows an example of an external reference driving
both VIN– and VREF. In this case, both the common-mode
voltage and input span are directly dependent on the value of
VREF. Both the input span and the center of the input span are
equal to the external VREF. Thus, the valid input range extends
from (VREF + VREF/2) to (VREF − VREF/2). For example, if
the Precision Reference Part REF191, a 2.048 V external refer-
ence, is used, the input span is 2.048 V. In this case, 1 LSB of the
AD9244 corresponds to 0.125 mV.
It is essential that a minimum of a 10 μF capacitor, in parallel
with a 0.1 μF low inductance ceramic capacitor, decouple the
reference output to AGND.
5V
AVDD
REFT
REFB
VREF
SENSE
AD9244
VIN+
VIN–
33
Ω
20pF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
0.1
μF
10
μF
10
μF
33
Ω
+
+
VREF + VREF/2
VREF – VREF/2
VREF
Figure 51. Using an External Reference
Digital Outputs
Table 10 details the relationship among the ADC input, OTR,
and digital output format.
Data Format Select (DFS)
The AD9244 can be programmed for straight binary or twos
complement data on the digital outputs. Connect the DFS pin to
AGND for straight binary and to AVDD for twos complement.
Digital Output Driver Considerations
The AD9244 output drivers can be configured to interface with
5 V or 3.3 V logic families by setting DRVDD to 5 V or 3.3 V,
respectively. The output drivers are sized to provide sufficient
output current to drive a wide variety of logic families.
However, large drive currents tend to cause glitches on the
supplies and can affect converter performance. Applications
requiring the ADC to drive large capacitive loads or large
fanouts can require external buffers or latches.
DIGITAL INPUTS AND OUTPUTS
Table 10. Output Data Format
Input (V)
Condition (V)
Binary Output Mode
Twos Complement Mode
OTR
VIN+ – VIN−
< –VREF/2 − 0.5 LSB
00 0000 0000 0000
10 0000 0000 0000
1
VIN+ – VIN−
= −VREF/2
00 0000 0000 0000
10 0000 0000 0000
0
VIN+ – VIN−
= 0
10 0000 0000 0000
00 0000 0000 0000
0
VIN+ – VIN−
= +VREF/2 − 1.0 LSB
11 1111 1111 1111
01 1111 1111 1111
0
VIN+ – VIN−
> +VREF/2 − 0.5 LSB
11 1111 1111 1111
01 1111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com