Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 4 Page - Analog Devices

  AD9244 Datasheet HTML 1Page - Analog Devices AD9244 Datasheet HTML 2Page - Analog Devices AD9244 Datasheet HTML 3Page - Analog Devices AD9244 Datasheet HTML 4Page - Analog Devices AD9244 Datasheet HTML 5Page - Analog Devices AD9244 Datasheet HTML 6Page - Analog Devices AD9244 Datasheet HTML 7Page - Analog Devices AD9244 Datasheet HTML 8Page - Analog Devices AD9244 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD9244
Rev. C | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 5 V, DRVDD = 3 V, fSAMPLE = 65 MSPS (–65) or 40 MSPS (–40), differential clock inputs, VREF = 2 V, external reference,
differential analog inputs, unless otherwise noted.
Table 1.
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
VI
14
14
Bits
DC ACCURACY
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Bits
Offset Error
Full
VI
±0.3
±1.4
±0.3
±1.4
% FSR
Gain Error1
Full
VI
±0.6
±2.0
±0.6
±2.0
% FSR
Differential Nonlinearity (DNL)2
Full
VI
±1.0
±1.0
LSB
25°C
V
±0.7
±0.6
LSB
Integral Nonlinearity (INL)2
Full
V
±1.4
±1.3
LSB
Full
VI
−4
+4
−4
+4
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2.0
±2.0
ppm/°C
Gain Error (EXT VREF)1
Full
V
±2.3
±2.3
ppm/°C
Gain Error (INT VREF)3
Full
V
±25
±25
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (2 VREF)
Full
VI
±29
±29
mV
Load Regulation @ 1 mA
Full
V
0.5
0.5
mV
Output Voltage Error (1 VREF)
Full
IV
±15
±15
mV
Load Regulation @ 0.5 mA
Full
V
0.25
0.25
mV
Input Resistance
Full
V
5
5
kΩ
INPUT REFERRED NOISE
VREF = 2 V
25°C
V
0.8
0.8
LSB rms
VREF = 1 V
25°C
V
1.5
1.5
LSB rms
ANALOG INPUT
Input Voltage Range (Differential)
VREF = 2 V
Full
V
2
2
V p-p
VREF = 1 V
Full
V
1
1
V p-p
Common-Mode Voltage
Full
V
0.5
4
0.5
4
V
Input Capacitance4
25°C
V
10
10
pF
Input Bias Current5
25°C
V
500
500
μA
Analog Bandwidth (Full Power)
25°C
V
750
750
MHz
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
4.75
5
5.25
4.75
5
5.25
V
DRVDD
Full
IV
2.7
5.25
2.7
5.25
V
Supply Current
IAVDD
Full
V
109
64
mA
IDRVDD
Full
V
12
8
mA
PSRR
Full
V
±0.05
±0.05
% FSR
POWER CONSUMPTION
DC Input6
Full
V
550
300
mW
Sine Wave Input
Full
VI
590
640
345
370
mW
1 Gain error is based on the ADC only (with a fixed 2.0 V external reference).
2 Measured at maximum clock rate, fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3 Includes internal voltage reference error.
4 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 7 for the equivalent analog input structure.
5 Input bias current is due to the input looking like a resistor that is dependent on the clock rate.
6 Measured with dc input at maximum clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com