Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9244 Datasheet HTML 24Page - Analog Devices AD9244 Datasheet HTML 25Page - Analog Devices AD9244 Datasheet HTML 26Page - Analog Devices AD9244 Datasheet HTML 27Page - Analog Devices AD9244 Datasheet HTML 28Page - Analog Devices AD9244 Datasheet HTML 29Page - Analog Devices AD9244 Datasheet HTML 30Page - Analog Devices AD9244 Datasheet HTML 31Page - Analog Devices AD9244 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AD9244
Rev. C | Page 27 of 36
Table 14. Clock Jumper Configuration
Clock Input
Input Connector
Jumpers
DUT CLOCK
Differential
S5
11, 13
Single-Ended
S1
12, 15
AD9226-Compatible
S1
12, 14
DATA CAPTURE CLOCK
Internal
Differential DUT Clock
N/A
9, 18A
Single-Ended DUT Clock
N/A
9, 18B
External
S6
3 or 4
REFIN
10MHz
REFOUT
SIGNAL SYNTHESIZER
2.5MHz, 0.8V p-p
HP8644
CLK SYNTHESIZER
65MHz, 1V p-p
HP8644
2.5MHz
BAND-PASS FILTER
AVDD
GND
DUT
AVDD
GND
DUT
DVDD
DVDD
AD9244
EVALUATION BOARD
OUTPUT
BUSS
J1
S4
INPUT
xFMR
S1/S5
INPUT
CLOCK
DSP
EQUIPMENT
CLOCK
DIVIDER
5V
+–
5V
+–
3V
+–
3V
+–
Figure 64. Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com