Electronic Components Datasheet Search
  English  ▼

X  

AD9244 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9244
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9244 Datasheet HTML 12Page - Analog Devices AD9244 Datasheet HTML 13Page - Analog Devices AD9244 Datasheet HTML 14Page - Analog Devices AD9244 Datasheet HTML 15Page - Analog Devices AD9244 Datasheet HTML 16Page - Analog Devices AD9244 Datasheet HTML 17Page - Analog Devices AD9244 Datasheet HTML 18Page - Analog Devices AD9244 Datasheet HTML 19Page - Analog Devices AD9244 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
AD9244
Rev. C | Page 15 of 36
FREQUENCY (MHz)
32.5
0
10.0
5.0
20.0
15.0
25.0
30.0
0
–20
–60
–40
–80
–100
–120
SNR = 67.5dBc
SFDR = 93.2dBc
Figure 28. Dual-Tone FFT with fIN−1 = 44.2 MHz and
fIN−2 = 45.6 MHz (AIN1 = AIN2 = –6.5 dBFS)
FREQUENCY (MHz)
32.5
0
10.0
5.0
25.0
20.0
15.0
30.0
0
20
40
60
80
100
120
SNR = 67.0dBc
SFDR = 78.2dBc
Figure 29. Dual-Tone FFT with fiN−1 = 69.2 MHz and
fIN−2 = 70.6 MHz (AIN1 = AIN2 = –6.5 dBFS)
FREQUENCY (MHz)
32.5
0
5.0
10.0
15.0
20.0
25.0
30.0
0
–20
–40
–60
–80
–100
–120
SNR = 65.0dBc
SFDR = 69.1dBc
Figure 30. Dual-Tone FFT with fIN−1 = 139.2 MHz and
fIN−2 = 140.7 MHz (AIN1 = AIN2 = –6.5 dBFS)
AIN (dBFS)
–5
–30
–25
–20
–15
–10
100
90
80
70
60
50
40
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR = 90dBc
REFERENCE LINE
Figure 31. Dual-Tone SNR/SFDR vs. AIN with
fIN−1 = 44.2 MHz and fIN−2 = 45.6 MHz
AIN (dBFS)
–5
–30
–25
–20
–15
–10
100
90
80
70
60
50
40
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
SFDR = 90dBc
REFERENCE LINE
Figure 32. Dual-Tone SNR/SFDR vs. AIN with
fIN−1 = 69.2 MHz and= fIN−2 = 70.6 MHz
AIN (dBFS)
–5
–30
–25
–20
–15
–10
100
90
80
70
60
50
40
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR = 90dBc
REFERENCE LINE
Figure 33. Dual-Tone SNR/SFDR vs. AIN with
fIN−1 = 139.2 MHz and fIN−2 = 140.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com