Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 25Page - Cypress Semiconductor MB9B320TA Datasheet HTML 26Page - Cypress Semiconductor MB9B320TA Datasheet HTML 27Page - Cypress Semiconductor MB9B320TA Datasheet HTML 28Page - Cypress Semiconductor MB9B320TA Datasheet HTML 29Page - Cypress Semiconductor MB9B320TA Datasheet HTML 30Page - Cypress Semiconductor MB9B320TA Datasheet HTML 31Page - Cypress Semiconductor MB9B320TA Datasheet HTML 32Page - Cypress Semiconductor MB9B320TA Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 28 of 142
MB9B320TA Series
Pin No
Pin name
I/O circuit
type
Pin state
type
LQFP-176
LQFP-144
BGA-192
165
135
C6
PD2
E
K
SIN4_0
TIOA03_2
INT00_2
MAD16_0
166
136
D6
PD3
E
J
TIOB03_2
MAD17_0
167
137
E6
P62
E
J
ADTG_3
SCK5_0
MAD18_0
168
138
B5
P61
E
J
UHCONX
SOT5_0
TIOB02_2
MAD19_0
169
139
C5
P60
E
U
SIN5_0
TIOA02_2
INT15_1
WKUP5
MAD20_0
170
-
B4
PF3
I*
K
SIN6_2
TIOA06_0
INT06_0
171
-
C4
PF4
I*
K
SOT6_2
TIOB06_0
INT07_0
172
140
B3
PF5
I*
T
IGTRG0_1
INT08_0
WKUP3
CEC1_0
-
SCK6_2
173
141
A4
USBVCC
-
174
142
A3
P80
K
V
UDM0
175
143
A2
P81
K
V
UDP0
176
144
H8
VSS
-
-
-
J1
VSS
-
* : 5V tolerant I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com