Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 67Page - Cypress Semiconductor MB9B320TA Datasheet HTML 68Page - Cypress Semiconductor MB9B320TA Datasheet HTML 69Page - Cypress Semiconductor MB9B320TA Datasheet HTML 70Page - Cypress Semiconductor MB9B320TA Datasheet HTML 71Page - Cypress Semiconductor MB9B320TA Datasheet HTML 72Page - Cypress Semiconductor MB9B320TA Datasheet HTML 73Page - Cypress Semiconductor MB9B320TA Datasheet HTML 74Page - Cypress Semiconductor MB9B320TA Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 70 of 142
MB9B320TA Series
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input state
Device
internal
reset
state
Run mode
or SLEEP
mode state
Timer mode,
RTC mode, or
STOP mode state
Deep standby
RTC mode or Deep
standby STOP mode
state
Return
from Deep
standby
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
E
Mode
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Input
enabled
GPIO
selected
Hi-Z /
Input
enabled
GPIO
selected
F
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Sub crystal
oscillator
input pin /
External sub
clock input
selected
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
G
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
External sub
clock input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Sub crystal
oscillator
output pin
Hi-Z /
Internal input
fixed at "0"/
or Input
enable
Hi-Z /
Internal input
fixed at "0"
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state
Maintain
previous
state/Wh
en
oscillatio
n stops*2,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillatio
n stops*2,
Hi-Z /
Internal
input
fixed at
"0"
Maintain
previous
state/Wh
en
oscillatio
n stops*2,
Hi-Z/
Internal
input
fixed at
"0"
Maintain
previous
state/Whe
n
oscillation
stops*2,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*2,
Hi-Z/
Internal
input fixed
at "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com