Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 49Page - Cypress Semiconductor MB9B320TA Datasheet HTML 50Page - Cypress Semiconductor MB9B320TA Datasheet HTML 51Page - Cypress Semiconductor MB9B320TA Datasheet HTML 52Page - Cypress Semiconductor MB9B320TA Datasheet HTML 53Page - Cypress Semiconductor MB9B320TA Datasheet HTML 54Page - Cypress Semiconductor MB9B320TA Datasheet HTML 55Page - Cypress Semiconductor MB9B320TA Datasheet HTML 56Page - Cypress Semiconductor MB9B320TA Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 52 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No
LQFP-176
LQFP-144
BGA-192
GND
VSS
GND Pin
27
25
A5
44
36
A8
53
45
A11
88
72
E1
132
108
G7
157
127
G8
176
144
H8
-
-
M1
-
-
P3
-
-
P7
-
-
N7
-
-
M7
-
-
L7
-
-
K7
-
-
J7
-
-
P11
-
-
N14
-
-
L14
-
-
B14
-
-
H7
-
-
B1
-
-
G1
-
-
J1
Clock
X0
Main clock (oscillation) input pin
86
70
P12
X0A
Sub clock (oscillation) input pin
55
47
P5
X1
Main clock (oscillation) I/O pin
87
71
P13
X1A
Sub clock (oscillation) I/O pin
56
48
P6
CROUT_0
Built-in high-speed CR-osc clock
output port
127
103
D13
CROUT_1
152
122
E8
Analog
Power
AVCC
A/D converter, D/A converter analog
power pin
114
90
J14
AVRH
A/D converter analog reference
voltage input pin
117
93
F14
Analog
GND
AVSS
A/D converter, D/A converter GND pin
115
91
H14
AVRL
A/D converter analog reference
voltage input pin
116
92
G14
C pin
C
Power supply stabilization capacity
pin
52
44
P2
*: 5V tolerant I/O
Note:
−
While this device contains a Test Access Port (TAP) based on the IEEE 1149.1-2001 JTAG standard, it is not fully compliant to
all requirements of that standard. This device may contain a 32-bit device ID that is the same as the 32-bit device ID in other
devices with different functionality. The TAP pins may also be configurable for purposes other than access to the TAP
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com