Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 36Page - Cypress Semiconductor MB9B320TA Datasheet HTML 37Page - Cypress Semiconductor MB9B320TA Datasheet HTML 38Page - Cypress Semiconductor MB9B320TA Datasheet HTML 39Page - Cypress Semiconductor MB9B320TA Datasheet HTML 40Page - Cypress Semiconductor MB9B320TA Datasheet HTML 41Page - Cypress Semiconductor MB9B320TA Datasheet HTML 42Page - Cypress Semiconductor MB9B320TA Datasheet HTML 43Page - Cypress Semiconductor MB9B320TA Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 39 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No
LQFP-176
LQFP-144
BGA-192
GPIO
P60
General-purpose I/O port 6
169
139
C5
P61
168
138
B5
P62
167
137
E6
P70
General-purpose I/O port 7
65
57
J6
P71
66
58
N8
P72
67
59
M8
P73
68
60
L8
P74
69
61
K8
P75
70
62
P8
P76
71
63
J8
P77
72
64
P9
P78
73
65
N9
P79
74
66
M9
P7A
75
67
L9
P7B
76
-
K9
P7C
77
-
P10
P7D
78
-
N10
P7E
79
-
L10
P7F
80
-
K10
P80
General-purpose I/O port 8
174
142
A3
P81
175
143
A2
P82
129
105
E14
P83
130
106
D14
P90
General-purpose I/O port 9
139
-
C11
P91
140
-
D11
P92
141
-
B10
P93
142
-
C10
P94
143
-
D10
P95
144
-
B9
PA0
General-purpose I/O port A
2
2
B2
PA1
3
3
C2
PA2
4
4
C3
PA3
5
5
D5
PA4
6
6
D2
PA5
7
7
D1
PB0
General-purpose I/O port B
106
-
H13
PB1
107
-
H12
PB2
108
-
H11
PB3
109
-
G13
PB4
110
-
G12
PB5
111
-
G11
PB6
112
-
G10
PB7
113
-
G9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com