Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB9B320TA Datasheet HTML 1Page - Cypress Semiconductor MB9B320TA Datasheet HTML 2Page - Cypress Semiconductor MB9B320TA Datasheet HTML 3Page - Cypress Semiconductor MB9B320TA Datasheet HTML 4Page - Cypress Semiconductor MB9B320TA Datasheet HTML 5Page - Cypress Semiconductor MB9B320TA Datasheet HTML 6Page - Cypress Semiconductor MB9B320TA Datasheet HTML 7Page - Cypress Semiconductor MB9B320TA Datasheet HTML 8Page - Cypress Semiconductor MB9B320TA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 3 of 142
MB9B320TA Series
General-Purpose I/O Port
This series can use its pins as general-purpose I/O ports when
they are not used for external bus or peripherals. Moreover, the
port relocate function is built in. It can set which I/O port the
peripheral function can be allocated to.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 154 high-speed general-purpose I/O Ports@176 pin
Package
Some ports are 5V tolerant.
See "List of Pin Functions" and "I/O Circuit Type" to confirm
the corresponding pins.
Dual Timer (32-/16-bit Down Counter)
The Dual Timer consists of two programmable 32-/16-bit down
counters.
Operation mode is selectable from the followings for each
channel.
Free-running
Periodic (=Reload)
One-shot
Quadrature Position/Revolution Counter (QPRC)
(Max 2channels)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. Moreover, it is
possible to use as the up/down counter.
The detection edge of the three external event input pins AIN,
BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
HDMI-CEC/Remote Control Reception (Up to
2channels)
HDMI-CEC transmission
Header block automatic transmission by judging Signal
free
Generating status interrupt by detecting Arbitration lost
Generating START, EOM, ACK automatically to output
CEC transmission by setting 1 byte data
Generating transmission status interrupt when transmitting
1 block (1 byte data and EOM/ACK)
HDMI-CEC reception
Automatic ACK reply function available
Line error detection function available
Remote control reception
4 bytes reception buffer
Repeat code detection function available
Multi-function Timer
The Multi-function timer is composed of the following blocks.
16-bit free-run timer × 3 ch./unit
Input capture × 4 ch./unit
Output compare × 6 ch./unit
A/D activation compare × 2 ch./unit
Waveform generator × 3 ch./unit
16-bit PPG timer × 3 ch./unit
The following function can be used to achieve the motor
control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (Motor emergency stop) interrupt function
Real-time clock (RTC)
The Real-time clock can count
Year/Month/Day/Hour/Minute/Second/A day of the week from
00 to 99.
The interrupt function with specifying date and time
(Year/Month/Day/Hour/Minute.) is available. This function is
also available by specifying only Year, Month, Day, Hour or
Minute.
Timer interrupt function after set time or each set time.
Capable of rewriting the time with continuing the time count.
Leap year automatic count is available.
Watch Counter
The Watch counter is used for wake up from sleep and timer
mode.
Interval timer: up to 64 s (Max) @ Sub Clock: 32.768 kHz
External Interrupt Controller Unit
Up to 32 external interrupt input pins @ 176 pin Package
Include one non-maskable interrupt (NMI) input pin
Watchdog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs, a "Hardware"
watchdog and a "Software" watchdog.
The "Hardware" watchdog timer is clocked by the built-in
low-speed CR oscillator. Therefore, the "Hardware" watchdog
is active in any low-power consumption modes except RTC,
STOP, Deep standby RTC, Deep standby STOP modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com