Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 4Page - Cypress Semiconductor MB9B320TA Datasheet HTML 5Page - Cypress Semiconductor MB9B320TA Datasheet HTML 6Page - Cypress Semiconductor MB9B320TA Datasheet HTML 7Page - Cypress Semiconductor MB9B320TA Datasheet HTML 8Page - Cypress Semiconductor MB9B320TA Datasheet HTML 9Page - Cypress Semiconductor MB9B320TA Datasheet HTML 10Page - Cypress Semiconductor MB9B320TA Datasheet HTML 11Page - Cypress Semiconductor MB9B320TA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 7 of 142
MB9B320TA Series
1. Product Lineup
Memory size
Product name
MB9BF328SA/TA
MB9BF329SA/TA
On-chip
Flash memory
Main area
1 Mbytes
1.5 Mbytes
Work area
64 Kbytes
64 Kbytes
On-chip
SRAM
SRAM0
80 Kbytes
96 Kbytes
SRAM1
80 Kbytes
96 Kbytes
Total
160 Kbytes
192 Kbytes
Function
Product name
MB9BF328SA
MB9BF329SA
MB9BF328TA
MB9BF329TA
Pin count
144
176/192
CPU
Cortex-M3
Freq.
60 MHz
Power supply voltage range
2.7 V to 5.5 V
USB2.0 (Device/Host)
1 ch.
DMAC
8 ch.
External Bus Interface
Addr: 25-bit (Max)
R/Wdata : 8-/16-bit (Max)
CS: 8 (Max)
SRAM , NOR Flash memory , NAND Flash memory
Multi-function Serial Interface
(UART/CSIO/LIN/I2C)
16 ch. (Max) with 16steps×9-bit FIFO
Base Timer
(PWC/Reload timer/PWM/PPG)
16 ch. (Max)
MF-
Timer
A/D activation
compare
2 ch.
1 unit
Input capture
4 ch.
Free-run timer
3 ch.
Output compare
6 ch.
Waveform
generator
3 ch.
PPG
3 ch.
QPRC
1 ch.(Max)
2 ch. (Max)
Dual Timer
1 unit
HDMI-CEC/ Remote Control Reception
2 ch. (Max)
Real-Time Clock
1 unit
Watch Counter
1 unit
CRC Accelerator
Yes
Watchdog timer
1 ch. (SW) + 1 ch. (HW)
External Interrupts
32 pins (Max) + NMI × 1
I/O ports
122 pins (Max)
154 pins (Max)
12-bit A/D converter
24 ch. (2 units)
10-bit D/A converter
2 ch. (Max)
CSV (Clock Super Visor)
Yes
LVD (Low-Voltage Detector)
2 ch.
Built-in CR
High-speed
4 MHz
Low-speed
100 kHz
Debug Function
SWJ-DP / ETM
Unique ID
Yes
Note:
−
All signals of the peripheral function in each product cannot be allocated by limiting the pins of package.
It is necessary to use the port relocate function of the I/O port according to your function use.
See "Electrical Characteristics 12.4 AC Characteristics 12.4.3 Built-in CR Oscillation Characteristics" for accuracy of built-in
CR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com