Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 76Page - Cypress Semiconductor MB9B320TA Datasheet HTML 77Page - Cypress Semiconductor MB9B320TA Datasheet HTML 78Page - Cypress Semiconductor MB9B320TA Datasheet HTML 79Page - Cypress Semiconductor MB9B320TA Datasheet HTML 80Page - Cypress Semiconductor MB9B320TA Datasheet HTML 81Page - Cypress Semiconductor MB9B320TA Datasheet HTML 82Page - Cypress Semiconductor MB9B320TA Datasheet HTML 83Page - Cypress Semiconductor MB9B320TA Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 79 of 142
MB9B320TA Series
12.3 DC Characteristics
12.3.1
Current Rating
Parameter
Symbol
(Pin
name)
Conditions
Value
Unit
Remarks
Typ*1
Max*2
Power
supply
current
ICC
PLL
RUN mode
CPU: 60 MHz,
Peripheral: 30 MHz
*3,*5
29
37
mA
CPU: 60 MHz,
Peripheral clock stops
*3,*5
19
26
mA
High-speed CR
RUN mode
CPU/ Peripheral: 4 MHz*4
*3
3.1
6.4
mA
Sub
RUN mode
CPU/ Peripheral: 32 kHz
*3,*6
170
2300
µA
Low-speed CR
RUN mode
CPU/ Peripheral: 100 kHz
*3
210
2300
µA
ICCS
PLL
SLEEP mode
Peripheral: 30 MHz
*3,*5
19
26
mA
High-speed CR
SLEEP mode
Peripheral: 4 MHz*4
*3
2.1
5.1
mA
Sub
SLEEP mode
Peripheral: 32 kHz
*3,*6
160
2200
µA
Low-speed CR
SLEEP mode
Peripheral: 100 kHz
*3
190
2200
µA
ICCH
STOP mode
TA = + 25°C
*3
20
75
μA
TA = + 105°C
*3
-
1.3
mA
ICCT
Main
TIMER mode
TA = + 25°C
*3,*6
2.8
5.5
mA
TA = + 105°C
*3,*6
-
6.5
mA
Sub
TIMER mode
TA = + 25°C
*3,*6
24
95
μA
TA = + 105°C
*3,*6
-
1.7
mA
ICCR
RTC mode
TA = + 25°C
*3,*6
21
89
μA
TA = + 105°C
*3,*6
-
1.7
mA
*1: TA=+25℃,VCC= 3.3 V
*2: TA=+105℃,VCC=5.5 V
*3: When all ports are fixed.
*4: When setting it to 4 MHz by trimming.
*5: When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*6: When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com