Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB9B320TA Datasheet HTML 1Page - Cypress Semiconductor MB9B320TA Datasheet HTML 2Page - Cypress Semiconductor MB9B320TA Datasheet HTML 3Page - Cypress Semiconductor MB9B320TA Datasheet HTML 4Page - Cypress Semiconductor MB9B320TA Datasheet HTML 5Page - Cypress Semiconductor MB9B320TA Datasheet HTML 6Page - Cypress Semiconductor MB9B320TA Datasheet HTML 7Page - Cypress Semiconductor MB9B320TA Datasheet HTML 8Page - Cypress Semiconductor MB9B320TA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 143 page
background image
MB9B320TA Series
32-bit Arm® Cortex®-M3
FM3 Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-05665 Rev. *D
Revised January 12, 2018
The MB9B320TA Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers with low-power
consumption mode and competitive cost.
These series are based on the Arm® Cortex®-M3 Processor with on-chip Flash memory and SRAM, and have peripheral functions
such as various timers, ADCs, DACs and Communication Interfaces (USB, UART, CSIO, I2C, LIN).
The products which are described in this data sheet are placed into TYPE12 product categories in "FM3 Family PERIPHERAL
MANUAL".
Features
32-bit Arm® Cortex®-M3 Core
Processor version: r2p1
Up to 60 MHz Frequency Operation
Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 48 peripheral interrupts
and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
Dual operation Flash memory
Main area:
• Up to 1.5 Mbytes (1008 Kbytes(ROM0) + 512 Kbytes
(ROM1) of Upper bank and 16 Kbytes(ROM0) of Lower
bank.)
Work area
• 64 Kbytes(ROM1) of Lower bank
Read cycle: 0 wait-cycle
Security function for code protection
[SRAM]
This Series on-chip SRAM is composed of two independent
SRAM (SRAM0, SRAM1). SRAM0 is connected to I-code bus
and D-code bus of Cortex-M3 core. SRAM1 is connected to
System bus.
SRAM0: Up to 96 Kbytes
SRAM1: Up to 96 Kbytes
External Bus Interface
Supports SRAM, NOR NAND Flash memory device
Up to 8 chip selects
8-/16-bit Data width
Up to 25-bit Address bit
Maximum area size: Up to 256 Mbytes
Supports Address/Data multiplex
Supports external RDY function
USB Interface
The USB interface is composed of Device and Host.
PLL for USB is built-in, USB clock can be generated by
multiplication of Main clock.
[USB Device]
USB2.0 Full-Speed supported
Max 6 EndPoint supported
EndPoint 0 is control transfer
EndPoint 1, 2 can select Bulk-transfer, Interrupt-transfer or
Isochronous-transfer
EndPoint 3 to 5 can select Bulk-transfer or
Interrupt-transfer
EndPoint 1 to 5 are comprised of Double Buffers.
The size of each EndPoint is as follows.
• EndPoint 0, 2 to 5:64 bytes
• EndPoint 1: 256 bytes
[USB host]
USB2.0 Full/Low-speed supported
Bulk-transfer, interrupt-transfer and Isochronous-transfer
support
USB Device connected/dis-connected automatic detection
Automatic processing of the IN/OUT token handshake
packet
Max 256-byte packet-length supported
Wake-up function supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com