Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 69Page - Cypress Semiconductor MB9B320TA Datasheet HTML 70Page - Cypress Semiconductor MB9B320TA Datasheet HTML 71Page - Cypress Semiconductor MB9B320TA Datasheet HTML 72Page - Cypress Semiconductor MB9B320TA Datasheet HTML 73Page - Cypress Semiconductor MB9B320TA Datasheet HTML 74Page - Cypress Semiconductor MB9B320TA Datasheet HTML 75Page - Cypress Semiconductor MB9B320TA Datasheet HTML 76Page - Cypress Semiconductor MB9B320TA Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 72 of 142
MB9B320TA Series
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input state
Device
internal
reset
state
Run mode
or SLEEP
mode state
Timer mode,
RTC mode, or
STOP mode state
Deep standby
RTC mode or Deep
standby STOP mode
state
Return
from Deep
standby
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
M
Analog input
selected
Hi-Z
Hi-Z /
Internal input
fixed at "0" /
Analog input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
External
interrupt
enabled
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Resource
other than
above
selected
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected
N
Analog input
selected
Hi-Z
Hi-Z /
Internal input
fixed at "0" /
Analog input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input
fixed at
"0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
Hi-Z /
Internal
input fixed
at "0" /
Analog
input
enabled
WKUP
enabled
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
WKUP
input
enabled
Hi-Z /
WKUP
input
enabled
GPIO
selected
External
interrupt
enabled
selected
GPIO
selected
Internal
input
fixed at
"0"
Hi-Z /
Internal
input fixed
at "0"
Resource
other than
above
selected
Hi-Z /
Internal
input
fixed at
"0"
GPIO
selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com