Electronic Components Datasheet Search
  English  ▼

X  

MB9B320TA Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B320TA
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B320TA Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B320TA Datasheet HTML 35Page - Cypress Semiconductor MB9B320TA Datasheet HTML 36Page - Cypress Semiconductor MB9B320TA Datasheet HTML 37Page - Cypress Semiconductor MB9B320TA Datasheet HTML 38Page - Cypress Semiconductor MB9B320TA Datasheet HTML 39Page - Cypress Semiconductor MB9B320TA Datasheet HTML 40Page - Cypress Semiconductor MB9B320TA Datasheet HTML 41Page - Cypress Semiconductor MB9B320TA Datasheet HTML 42Page - Cypress Semiconductor MB9B320TA Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 143 page
background image
Document Number: 002-05665 Rev. *D
Page 38 of 142
MB9B320TA Series
Pin
function
Pin name
Function description
Pin No
LQFP-176
LQFP-144
BGA-192
GPIO
P30
General-purpose I/O port 3
28
-
H3
P31
29
-
H4
P32
30
-
H5
P33
31
-
H6
P34
32
-
J5
P35
33
-
J4
P36
34
26
J3
P37
35
27
J2
P38
36
28
K1
P39
37
29
K2
P3A
38
30
K3
P3B
39
31
K4
P3C
40
32
L1
P3D
41
33
L2
P3E
42
34
L3
P3F
43
35
M2
P40
General-purpose I/O port 4
46
38
N2
P41
47
39
N3
P42
48
40
M3
P43
49
41
L4
P44
50
42
M4
P45
51
43
N4
P46
55
47
P5
P47
56
48
P6
P48
58
50
M5
P49
59
51
L5
P4A
60
52
K5
P4B
61
53
N6
P4C
62
54
M6
P4D
63
55
L6
P4E
64
56
K6
P50
General-purpose I/O port 5
13
13
E5
P51
14
14
F1
P52
15
15
F2
P53
16
16
F3
P54
17
17
F4
P55
18
18
F5
P56
19
19
F6
P57
20
20
G2
P58
21
21
G3
P59
22
22
G4
P5A
23
23
G5
P5B
24
24
G6
P5C
25
-
H1
P5D
26
-
H2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com